Electronic Components Datasheet Search
  English  ▼

X  

136RVI Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum electrolytic capacitors Radial, Very Low Impedance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 136RVI Datasheet HTML 7Page - Vishay Siliconix 136RVI Datasheet HTML 8Page - Vishay Siliconix 136RVI Datasheet HTML 9Page - Vishay Siliconix 136RVI Datasheet HTML 10Page - Vishay Siliconix 136RVI Datasheet HTML 11Page - Vishay Siliconix 136RVI Datasheet HTML 12Page - Vishay Siliconix 136RVI Datasheet HTML 13Page - Vishay Siliconix 136RVI Datasheet HTML 14Page - Vishay Siliconix 136RVI Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2000 Jan 18
12
BC Components
Product specification
Aluminum electrolytic capacitors
Radial, Very Low Impedance
136 RVI
Fig.6 Typical multiplier of capacitance as a function of frequency.
handbook, 4 columns
10 5
MGC701
10 4
10 3
10 2
10
f (Hz)
0
0.2
0.4
0.6
0.8
1.0
1.2
C
0
C
5
4
3
2
1
Curve 1: 63 V.
Curve 2: 50 V.
Curve 3: 35 V.
Curve 4: 25 V.
Curve 5: 10 V.
C0 = capacitance at 20
°C, 100 Hz.
Equivalent series resistance (ESR)
Fig.7 Typical multiplier of ESR as a function of ambient temperature.
ESR0 = typical at 20
°C, 100 Hz.
handbook, 4 columns
−60
−40
0
20
40
10
20
CCA677
60
80
120
100
Tamb (°C)
1
ESR0
ESR
−20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com