Electronic Components Datasheet Search
  English  ▼

X  

136RVI Datasheet(PDF) 13 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum electrolytic capacitors Radial, Very Low Impedance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button 136RVI Datasheet HTML 9Page - Vishay Siliconix 136RVI Datasheet HTML 10Page - Vishay Siliconix 136RVI Datasheet HTML 11Page - Vishay Siliconix 136RVI Datasheet HTML 12Page - Vishay Siliconix 136RVI Datasheet HTML 13Page - Vishay Siliconix 136RVI Datasheet HTML 14Page - Vishay Siliconix 136RVI Datasheet HTML 15Page - Vishay Siliconix 136RVI Datasheet HTML 16Page - Vishay Siliconix 136RVI Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2000 Jan 18
14
BC Components
Product specification
Aluminum electrolytic capacitors
Radial, Very Low Impedance
136 RVI
Fig.10 Typical impedance as a function of frequency.
UR = 10 and 16 V.
Curve 1: 470
µF, 16 V; ∅10 × 16 mm.
Curve 2: 680
µF, 10 V; ∅10 × 16 mm.
Curve 3: 1000
µF, 10 V; ∅10 × 20 mm.
Curve 4: 2200
µF, 10 V; ∅12.5 × 25 mm.
Curve 5: 4700
µF, 16 V; ∅16 × 35 mm.
Curve 6: 10000
µF, 10 V; ∅18 × 35 mm.
Tamb =20
°C.
handbook, 4 columns
105
CCA679
104
103
102
10
102
10
1
f (Hz)
Z
(
Ω)
10−1
10−2
5
6
4
3
2
1
Fig.11 Typical impedance as a function of frequency.
handbook, 4 columns
10
5
MGC705
10
4
10
3
10
2
10
102
10
1
f (Hz)
Z
(
Ω)
10
1
10
2
1
2
3
4
6
7
8
9
5
UR = 25 and 35 V.
Curve 1: 220
µF, 25 V; ∅10 × 12 mm.
Curve 2: 220
µF, 35 V; ∅10 × 16 mm.
Curve 3: 330
µF, 35 V; ∅10 × 20 mm.
Curve 4: 470
µF, 25 V; ∅10 × 20 mm.
Curve 5: 470
µF, 35 V; ∅12.5 × 20 mm.
Curve 6: 1000
µF, 25 V; ∅12.5 × 25 mm.
Curve 7: 1200
µF, 35 V; ∅16 × 25 mm.
Curve 8: 2200
µF, 35 V; ∅16 × 35 mm.
Curve 9: 3300
µF, 25 V; ∅16 × 35 mm.
Tamb =20
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com