Electronic Components Datasheet Search
  English  ▼

X  

136RVI Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum electrolytic capacitors Radial, Very Low Impedance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 3 Page - Vishay Siliconix

  136RVI Datasheet HTML 1Page - Vishay Siliconix 136RVI Datasheet HTML 2Page - Vishay Siliconix 136RVI Datasheet HTML 3Page - Vishay Siliconix 136RVI Datasheet HTML 4Page - Vishay Siliconix 136RVI Datasheet HTML 5Page - Vishay Siliconix 136RVI Datasheet HTML 6Page - Vishay Siliconix 136RVI Datasheet HTML 7Page - Vishay Siliconix 136RVI Datasheet HTML 8Page - Vishay Siliconix 136RVI Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2000 Jan 18
4
BC Components
Product specification
Aluminum electrolytic capacitors
Radial, Very Low Impedance
136 RVI
MECHANICAL DATA, AVAILABLE FORMS AND PACKAGING QUANTITIES
handbook, halfpage
L
F
15
min
5
min
MRA220
Od
O D
Fig.2 Form CA: Long Leads.
Dimensions in mm.
For dimensions see Table 1.
Fig.3 Form CB: Cut leads.
handbook, 2 columns
MSB146
O D
L
51
F
O d
Dimensions in mm.
For dimensions see Table 1.
handbook, full pagewidth
MAM066
Fig.4 Taped in box (ammopack).
Form TFA
Case
∅D × L ≤ 16 × 31 mm.
Tape dimensions are specified in this handbook, section
“Packaging”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com