Electronic Components Datasheet Search
  English  ▼

X  

ADRF5043 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5043
Description  Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5043 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5043 Datasheet HTML 3Page - Analog Devices ADRF5043 Datasheet HTML 4Page - Analog Devices ADRF5043 Datasheet HTML 5Page - Analog Devices ADRF5043 Datasheet HTML 6Page - Analog Devices ADRF5043 Datasheet HTML 7Page - Analog Devices ADRF5043 Datasheet HTML 8Page - Analog Devices ADRF5043 Datasheet HTML 9Page - Analog Devices ADRF5043 Datasheet HTML 10Page - Analog Devices ADRF5043 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADRF5043
Rev. 0 | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3 V, VSS = −3.3 V, VCTL = 0 V or 3.3 V, and TCASE = 25°C on a 50 Ω system, unless otherwise noted. Measured on the evaluation board.
0
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
5
10
15
20
25
30
35
45
50
40
FREQUENCY (GHz)
RF1
RF2
RF3
RF4
Figure 6. Insertion Loss for RFC to RFx On vs. Frequency
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
45
50
40
FREQUENCY (GHz)
RF1
RF2
RF3
RF4
RFC
Figure 7. Return Loss for RFC and RFx On vs. Frequency
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
RF2
RF3
RF4
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 8. Isolation for RFC to RFx Off vs. Frequency, RFC to RF1 Path On
0
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
5
10
15
20
25
30
35
45
50
40
FREQUENCY (GHz)
TCASE = +105°C
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
Figure 9. Insertion Loss for RFC to RF1 On vs. Frequency
over Various Temperatures
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
45
50
40
FREQUENCY (GHz)
RF1
RF2
RF3
RF4
Figure 10. Return Loss for RFx Off vs. Frequency
0
–100
0
50
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
RF1
RF3
RF4
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 11. Isolation for RFC to RFx Off vs. Frequency, RFC to RF2 Path On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com