Electronic Components Datasheet Search
  English  ▼

X  

ADRF5043 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5043
Description  Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5043 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5043 Datasheet HTML 4Page - Analog Devices ADRF5043 Datasheet HTML 5Page - Analog Devices ADRF5043 Datasheet HTML 6Page - Analog Devices ADRF5043 Datasheet HTML 7Page - Analog Devices ADRF5043 Datasheet HTML 8Page - Analog Devices ADRF5043 Datasheet HTML 9Page - Analog Devices ADRF5043 Datasheet HTML 10Page - Analog Devices ADRF5043 Datasheet HTML 11Page - Analog Devices ADRF5043 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADRF5043
Rev. 0 | Page 9 of 12
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
VDD = +3.3 V, VSS = −3.3 V, VCTL = 0 V or +3.3 V, and TCASE = 25°C on a 50 Ω system, unless otherwise noted. Measured on the evaluation board.
30
28
26
24
22
20
18
16
14
12
10
0
40
FREQUENCY (GHz)
5
10
15
20
25
30
35
TCASE = +105°C
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
Figure 18. Input P0.1dB vs. Frequency over Various Temperatures
60
20
0
40
FREQUENCY (GHz)
25
30
35
40
45
50
55
5
10
15
20
25
30
35
TCASE = +105°C
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
Figure 19. Input IP3 vs. Frequency over Various Temperatures
30
28
26
24
22
20
18
16
14
12
10
FREQUENCY (Hz)
TCASE = +105°C
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
10k
1G
100k
1M
10M
100M
Figure 20. Input P0.1dB vs. Frequency, Low Frequency Detail
over Various Temperatures
60
20
25
30
35
40
45
50
55
10k
1G
FREQUENCY (Hz)
100k
1M
10M
100M
TCASE = +105°C
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
Figure 21. Input IP3 vs. Frequency, Low Frequency Detail
over Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com