Electronic Components Datasheet Search
  English  ▼

X  

ADRF5043 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5043
Description  Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5043 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5043 Datasheet HTML 1Page - Analog Devices ADRF5043 Datasheet HTML 2Page - Analog Devices ADRF5043 Datasheet HTML 3Page - Analog Devices ADRF5043 Datasheet HTML 4Page - Analog Devices ADRF5043 Datasheet HTML 5Page - Analog Devices ADRF5043 Datasheet HTML 6Page - Analog Devices ADRF5043 Datasheet HTML 7Page - Analog Devices ADRF5043 Datasheet HTML 8Page - Analog Devices ADRF5043 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADRF5043
Rev. 0 | Page 3 of 12
SPECIFICATIONS
Positive supply voltage (VDD) = 3.3 V, negative supply voltage (VSS) = −3.3 V, V1 pin voltage (V1) = 0 V or 3.3 V, V2 pin voltage (V2) = 0 V
or 3.3 V, LS = 0 V or 3.3 V, EN = 0 V or 3.3 V, and TCASE = 25°C on a 50 Ω system, unless otherwise noted. RFx refers to RF1 to RF4. VCTL
is the digital control inputs voltage.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.009
44,000
MHz
INSERTION LOSS
Between RFC and RFx (On)
9 kHz to 18 GHz
1.5
dB
18 GHz to 26 GHz
1.8
dB
26 GHz to 35 GHz
2.1
dB
35 GHz to 40 GHz
2.4
dB
40 GHz to 44 GHz
2.5
dB
ISOLATION
Between RFC and RFx (Off)
9 kHz to 18 GHz
44
dB
18 GHz to 26 GHz
43
dB
26 GHz to 35 GHz
40
dB
35 GHz to 40 GHz
39
dB
40 GHz to 44 GHz
36
dB
RETURN LOSS
RFC and RFx (On)
9 kHz to 18 GHz
15
dB
18 GHz to 26 GHz
15
dB
26 GHz to 35 GHz
14
dB
35 GHz to 40 GHz
13
dB
40 GHz to 44 GHz
13
dB
RFx (Off)
9 kHz to 18 GHz
23
dB
18 GHz to 26 GHz
20
dB
26 GHz to 35 GHz
17
dB
35 GHz to 40 GHz
15
dB
40 GHz to 44 GHz
14
dB
SWITCHING
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
1.1
µs
On and Off Time
tON, tOFF
50% VCTL to 90% of RF output
2.8
µs
Settling Time
0.1 dB
50% VCTL to 0.1 dB of final RF output
6
µs
0.05 dB
50% VCTL to 0.05 dB of final RF output
7.8
µs
INPUT LINEARITY1
0.1 dB Power Compression
P0.1dB
f = 1 MHz to 40 GHz
26
dBm
1 dB Power Compression
P1dB
f = 1 MHz to 40 GHz
27
dBm
Third-Order Intercept
IP3
Two-tone input power = 15 dBm each tone,
f = 1 MHz to 40 GHz, Δf = 1 MHz
48
dBm
Second-Order Intercept
IP2
Two-tone input power = 15 dBm each tone,
f = 10 GHz, Δf = 1 MHz
120
dBm
VIDEO FEEDTHROUGH2
3
mV p-p
SUPPLY CURRENT
VDD, VSS pins
Positive Supply Current
IDD
370
µA
Negative Supply Current
ISS
−100
µA
DIGITAL CONTROL INPUTS
V1, V2, EN, LS pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com