Electronic Components Datasheet Search
  English  ▼

X  

XTPS562211DRLR Datasheet(PDF) 3 Page - Texas Instruments

Part # XTPS562211DRLR
Description  TPS562211 4.2-V to 18-V Input, 2-A Synchronous Buck Converter in SOT583 Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS562211DRLR Datasheet(HTML) 3 Page - Texas Instruments

  XTPS562211DRLR Datasheet HTML 1Page - Texas Instruments XTPS562211DRLR Datasheet HTML 2Page - Texas Instruments XTPS562211DRLR Datasheet HTML 3Page - Texas Instruments XTPS562211DRLR Datasheet HTML 4Page - Texas Instruments XTPS562211DRLR Datasheet HTML 5Page - Texas Instruments XTPS562211DRLR Datasheet HTML 6Page - Texas Instruments XTPS562211DRLR Datasheet HTML 7Page - Texas Instruments XTPS562211DRLR Datasheet HTML 8Page - Texas Instruments XTPS562211DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
5 Pin Configuration and Functions
PG/SS
1
2
3
4
8
7
6
5
VIN
SW
GND
BOOT
EN
MODE
FB
8-Pin SOT583 DRL Package (Top View)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
PG/SS
1
I/O
This pin can be selected as Power-Good function or Soft-Start function, depending on
device MODE pin configuration.
•
If the Power-Good function is selected, this is an open-drain power-good indicator.
•
If the Soft-Start function is selected, an external capacitor connected from this pin to
GND defines the rise time for the internal reference voltage.
VIN
2
P
Input voltage supply pin for the control circuitry. Connect the input decoupling capacitors
between VIN and GND.
SW
3
P
Switch node terminal. Connect the output inductor to this pin.
GND
4
G
GND terminal for the controller circuit and the internal circuitry.
BOOT
5
P
Supply input for the High-side MOSFET gate drive circuit. Connect a 0.1-µF capacitor
between BOOT and SW pins.
EN
6
I/O
Enable input control. Driving EN high or leaving this pin floating enables the converter. An
external resistor divider can be used to imply an adjustable VIN UVLO function.
MODE
7
I/O
Device operation mode in light load (Eco-mode operation or FCCM operation) and Pin 1
function (Power-Good pin or Soft-Start pin) selection pin. Connect a resistor from MODE to
GND to configure the device according to Table 7-1.
FB
8
I
Converter feedback input. Connect to output voltage with feedback resistor divider.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
www.ti.com
TPS562211
SLUSDX0 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS562211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com