Electronic Components Datasheet Search
  English  ▼

X  

XTPS562211DRLR Datasheet(PDF) 21 Page - Texas Instruments

Part # XTPS562211DRLR
Description  TPS562211 4.2-V to 18-V Input, 2-A Synchronous Buck Converter in SOT583 Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS562211DRLR Datasheet(HTML) 21 Page - Texas Instruments

Back Button XTPS562211DRLR Datasheet HTML 17Page - Texas Instruments XTPS562211DRLR Datasheet HTML 18Page - Texas Instruments XTPS562211DRLR Datasheet HTML 19Page - Texas Instruments XTPS562211DRLR Datasheet HTML 20Page - Texas Instruments XTPS562211DRLR Datasheet HTML 21Page - Texas Instruments XTPS562211DRLR Datasheet HTML 22Page - Texas Instruments XTPS562211DRLR Datasheet HTML 23Page - Texas Instruments XTPS562211DRLR Datasheet HTML 24Page - Texas Instruments XTPS562211DRLR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
8.2.2.7 Undervoltage Lockout Set Point
The undervoltage lockout (UVLO) can be adjusted using the external voltage divider network of R1 and R2. R1
is connected between VIN and the EN pin of the TPS562211 and R2 is connected between EN and GND. The
UVLO has two thresholds, one for power up when the input voltage is rising and one for power down or
brownouts when the input voltage is falling. For the example design, the supply should turn on and start
switching when the input voltage increases above 6.6 V (UVLO start or enable). After the regulator starts
switching, it must continue to do so until the input voltage falls below 5.7 V (UVLO stop or disable). Equation 3
and Equation 4 can be used to calculate the values for the upper and lower resistor values. For the stop voltages
specified, the nearest standard resistor value for R1 is 174 kΩ and for R2 is 36.5 kΩ.
www.ti.com
TPS562211
SLUSDX0 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS562211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com