Electronic Components Datasheet Search
  English  ▼

X  

XTPS562211DRLR Datasheet(PDF) 13 Page - Texas Instruments

Part # XTPS562211DRLR
Description  TPS562211 4.2-V to 18-V Input, 2-A Synchronous Buck Converter in SOT583 Package
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS562211DRLR Datasheet(HTML) 13 Page - Texas Instruments

Back Button XTPS562211DRLR Datasheet HTML 9Page - Texas Instruments XTPS562211DRLR Datasheet HTML 10Page - Texas Instruments XTPS562211DRLR Datasheet HTML 11Page - Texas Instruments XTPS562211DRLR Datasheet HTML 12Page - Texas Instruments XTPS562211DRLR Datasheet HTML 13Page - Texas Instruments XTPS562211DRLR Datasheet HTML 14Page - Texas Instruments XTPS562211DRLR Datasheet HTML 15Page - Texas Instruments XTPS562211DRLR Datasheet HTML 16Page - Texas Instruments XTPS562211DRLR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
VIN
EN
MODE
BOOT
PG/SS
SW
C1
L
R1
R2
C3
C2
GND
FB
VIN
VOUT
EN
R3
400 Q
TPS562211
Figure 7-2. Discharge VOUT through PG/SS Pin with TPS562211
7.3.6 Precise Enable and Adjusting Undervoltage Lockout
The EN pin provides electrical on and off control for the device. When the EN pin voltage exceeds the threshold
voltage, the device begins operation. If the EN pin voltage is pulled below the threshold voltage, the regulator
stops switching and enters the shutdown mode.
The EN pin has an internal pullup source current, which allows you to float the EN pin to enable the device. If an
application requires control of the EN pin, use external control logic interface to the EN the pin like the open-
drain or open-collector output logic.
The device implements internal undervoltage-lockout (UVLO) circuitry on the VIN pin. The device is disabled
when the VIN pin voltage falls below the internal VIN UVLO threshold. The internal VIN UVLO threshold has a
hysteresis of 400 mV.
If an application requires a higher UVLO threshold on the VIN pin, the EN pin can be configured as shown in
Figure 7-3. When using the external UVLO function, setting the hysteresis at a value greater than 400 mV is
recommended.
The EN pin has a small pullup current, Ip, which sets the default state of the EN pin to enable when no external
components are connected. The pullup current is also used to control the voltage hysteresis for the external
UVLO function because it increases by Ih when the EN pin crosses the enable threshold. Use Equation 3 and
Equation 4 to calculate the values of R1 and R2 for a specified UVLO threshold. Once R1 and R2 have settled
down, the EN voltage can be calculated by Equation 5, which must be lower than 5.5 V with max VIN.
EN
Ip
Ih
R1
R2
VIN
Device
Figure 7-3. Adjustable VIN Undervoltage Lockout
www.ti.com
TPS562211
SLUSDX0 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS562211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com