Electronic Components Datasheet Search
  English  ▼

X  

IXFH9N80 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFH9N80
Description  HiPerFET Power MOSFETs - N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH9N80 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFH9N80 Datasheet HTML 1Page - IXYS Corporation IXFH9N80 Datasheet HTML 2Page - IXYS Corporation IXFH9N80 Datasheet HTML 3Page - IXYS Corporation IXFH9N80 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592 4,881,106
5,017,508
5,049,961 5,187,117 5,486,715
4,850,072 4,931,844
5,034,796
5,063,307 5,237,481 5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH8N80
IXFH9N80
TO-247 AD (IXFH) Outline
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min. typ. max.
I
S
V
GS = 0
8N80
8 A
9N80
9 A
I
SM
Repetitive; pulse width limited by T
JM
8N80
32 A
9N80
36 A
V
SD
I
F = IS, VGS = 0 V,
1.5 V
Pulse test, t ≤ 300 µs, duty cycle δ ≤ 2 %
t
rr
T
J =25°C
250 ns
T
J = 125°C
400 ns
Q
RM
T
J =25°C
0.5
µC
T
J = 125°C
1.0
µC
I
RM
T
J =25°C
7.5
A
T
J = 125°C
9.0
A
I
F = IS
-di/dt = 100 A/µs,
V
R = 100 V
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
g
fs
V
DS = 10 V; ID = 0.5 • ID25, pulse test
4
7
S
C
iss
2600
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
240
pF
C
rss
60
pF
t
d(on)
35
ns
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
15
ns
t
d(off)
R
G = 4.7 Ω (External)
70
ns
t
f
35
ns
Q
g(on)
85 130
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
15
30
nC
Q
gd
40
70
nC
R
thJC
0.7 K/W
R
thCK
0.25
K/W
1. Gate
2. Drain
3. Source
4. Drain
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.83
5.21
.190
.205
A1
2.29
2.54
.090
.100
A2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b1
1.91
2.13
.075
.084
C
0.61
0.80
.024
.031
D
20.80
21.34
.819
.840
E
15.75
16.13
.620
.635
e
5.45
BSC
.215
BSC
L
4.90
5.10
.193
.201
L1
2.70
2.90
.106
.114
L2
2.10
2.30
.083
.091
L3
0.00
0.10
.00
.004
L4
1.90
2.10
.075
.083
ØP
3.55
3.65
.140
.144
Q
5.59
6.20
.220
.244
R
4.32
4.83
.170
.190
S
6.15
BSC
.242
BSC
TO-247 SMD Outline



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com