Electronic Components Datasheet Search
  English  ▼

X  

IXFH9N80 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFH9N80
Description  HiPerFET Power MOSFETs - N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH9N80 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFH9N80 Datasheet HTML 1Page - IXYS Corporation IXFH9N80 Datasheet HTML 2Page - IXYS Corporation IXFH9N80 Datasheet HTML 3Page - IXYS Corporation IXFH9N80 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 1997 IXYS All rights reserved
7&  ' HJUHHV &
 



   
'






9*6 9ROWV

'






7- ' HJUHHV &






'
6
2
1





D
9Ã2Ã#6
,'  $P SHUHV



'
6
2
1





9'6  9ROWV






'






9'6 9ROWV





'






$W
WBTÃ2Ã W
UEÃ2Ã !$P8
W
BTÃ2Ã W
Ã
UEÃ2Ã!$P8
U
EÃ2Ã!$
‚8
UEÃ2Ã !$
‚8
U
EÃ2Ã!$
P8
%W
W
BT2 W
W
BT2 W
$W
%W
,;)+1
,;)+1
Figure 1. Output Characteristics at 25OC
Figure 2. Output Characteristics at 125OC
Figure 3. R
DS(on) normalized to 15A/25
O
C vs. I
D
Figure 4. R
DS(on) normalized to 15A/25
O
C vs. T
J
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
IXFH8N80
IXFH9N80



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com