Electronic Components Datasheet Search
  English  ▼

X  

IXFH9N80 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFH9N80
Description  HiPerFET Power MOSFETs - N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH9N80 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFH9N80 Datasheet HTML 1Page - IXYS Corporation IXFH9N80 Datasheet HTML 2Page - IXYS Corporation IXFH9N80 Datasheet HTML 3Page - IXYS Corporation IXFH9N80 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1997 IXYS All rights reserved
Symbol
TestConditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
800
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
800
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
8N80
8
A
9N80
9
A
I
DM
T
C = 25°C, pulse width limited by TJM
8N80
32
A
9N80
36
A
I
AR
T
C = 25°C
8N80
8
A
9N80
9
A
E
AR
T
C = 25°C18
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
180
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
TO-204 = 18 g, TO-247 = 6 g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3 mA
800
V
V
DSS temperature coefficient
0.088
%/K
V
GS(th)
V
DS = VGS, ID = 2.5 mA
2
4.5
V
V
GS(th) temperature coefficient
-0.257
%/K
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8 • VDSS
T
J = 25°C
250
µA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
8N80
1.1
Ω
Pulse test, t ≤ 300 µs, duty cycle δ ≤ 2%
9N80
0.9
Ω
HiPerFETTM
Power MOSFETs
N-Channel Enhancement Mode
High dv/dt, Low t
rr, HDMOS
TM
Family
TO-247 AD (IXFH)
Features
•
International standard packages
•
Low R
DS (on) HDMOS
TM
process
•
Rugged polysilicon gate cell structure
•
Unclamped Inductive Switching (UIS)
rated
•
Low package inductance
- easy to drive and to protect
•
Fast intrinsic Rectifier
Applications
•
DC-DC converters
•
Battery chargers
•
Switched-mode and resonant-mode
power supplies
•
DC choppers
•
AC motor control
•
Temperature and lighting controls
Advantages
•
Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole)
•
Space savings
•
High power density
V
DSS
I
D25
R
DS(on)
t
rr
IXFH8N80 800V
8A
1.1Ω
250 ns
IXFH9N80 800V
9A
0.9Ω
250 ns
96527A (8/97)
Preliminary Data Sheet
G
S
D (TAB)
G = Gate
D
= Drain
S = Source
TAB = Drain
*Add suffix letter "S" for surface mountable
package
TO-247 SMD*


Similar Part No. - IXFH9N80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH9N80 ISC-IXFH9N80 Datasheet
373Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFH9N80Q IXYS-IXFH9N80Q Datasheet
90Kb / 2P
HiPerFET Power MOSFETs Q-Class
More results

Similar Description - IXFH9N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH14N100Q2 IXYS-IXFH14N100Q2 Datasheet
564Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg Low Rg, High dv/dt, Low trr
IXFT10N100 IXYS-IXFT10N100 Datasheet
556Kb / 4P
N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family
IXFN38N100Q2 IXYS-IXFN38N100Q2 Datasheet
565Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, Low Intrinsic Rg High dV/dt, Low trr
IXFN100N25 IXYS-IXFN100N25 Datasheet
78Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low
VMO60-05F IXYS-VMO60-05F Datasheet
50Kb / 2P
High dv/dt, Low-trr, HDMOS-TM Family
IXTH28N50Q IXYS-IXTH28N50Q Datasheet
177Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
IXTQ24N55Q IXYS-IXTQ24N55Q Datasheet
517Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
IXFH36N55Q IXYS-IXFH36N55Q Datasheet
171Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
IXFT14N100 IXYS-IXFT14N100 Datasheet
628Kb / 4P
N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family
VMM45-02F IXYS-VMM45-02F Datasheet
41Kb / 2P
Phaseleg Configuration High dv/dt, Low trr, HDMOSTM Family
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com