Electronic Components Datasheet Search
  English  ▼

X  

MAS3509F Datasheet(PDF) 30 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 30 Page - Micronas

Back Button MAS3509F Datasheet HTML 26Page - Micronas MAS3509F Datasheet HTML 27Page - Micronas MAS3509F Datasheet HTML 28Page - Micronas MAS3509F Datasheet HTML 29Page - Micronas MAS3509F Datasheet HTML 30Page - Micronas MAS3509F Datasheet HTML 31Page - Micronas MAS3509F Datasheet HTML 32Page - Micronas MAS3509F Datasheet HTML 33Page - Micronas MAS3509F Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
MAS 35x9F
DATA SHEET
30
June 30, 2004; 6251-505-1DS
Micronas
3.3.2.9. Default Read
The Default Read command is the fastest way to get
information from the MAS 35x9F. Executing the
Default Read in a polling loop can be used to detect a
special state during decoding.
The Default Read command immediately returns the
lower 16 bit content of a specific RAM location as
defined by the pointer D0:ffb. The pointer must be
loaded before the first Default Read action occurs. If
the MSB of the pointer is set, it points to a memory
location in D1 rather than to one in D0.
Example: For watching D1:123 the pointer D0:ffb must
be loaded with 8123hex:
<DW 68 e0 00
write to D0 memory
00 01
1 word to write
0f fb
start address ffb
00 08
value = 8...
01 23>
...0123hex
Now the Default Read commands can be issued as
often as desired:
<DW 69 <DR
Default Read command
dd dd >
16 bit content of the
address as defined by the
pointer
<DW 69 <DR dd dd >
... and do it again
3.3.2.10.Fast Program Download (Code 6hex)
The Fast Program Download command introduces a
data transfer via the parallel port.
n = n2,n1,n0
denotes the number of 20-bit data words to be trans-
ferred,
a = a3,a2,a1,a0 gives the start address. The
data must be organized in two times five nibbles to get
two words of 20-bit length. If the number n of 20-bit
data words is odd, the very last word has to be padded
with one additional nibble.
The download must be initiated in the following order:
– Issue Freeze command
– Stop all DMA-transfers
– Issue Fast Program Download command
– Download code via PIO-interface
– Switch appropriate memory area to act as program
RAM (register EDhex)
–Issue a Run command to start program execution at
entry point of downloaded code
Example for Fast Program Download command:
Download 5 words starting at D0:800,
then download 4 words starting at D1:200:
<DW 68 00 00>
Freeze
<DW 68 b3 b0 03 18>
Stop all internal transfers
<DW 68 b4 30 03 00>
<DW 68 b4 b0 00 00>
<DW 68 b5 30 03 18>
<DW 68 b6 b0 00 00>
<DW 68 bb b0 03 18>
<DW 68 bc 30 03 00>
<DW 68 b0 60 00 00>
<DW 68 60 05
initiate download of 5 words
08 00>
start at address D0:800
Now transfer 5 20-bit words via the parallel PIO-port:
d4,d3
d2,d1
d0,d4
d3,d2
d1,d0
d4,d3
d2,d1
d0,d4
d3,d2
d1,d0
d4,d3
d2,d1
d0,x
<DW 68 60 05
initiate download of 4 words
82 00>
start at address D1:200
Now transfer 4 20-bit words via the parallel PIO-port:
d4,d3
d2,d1
d0,d4
d3,d2
d1,d0
d4,d3
d2,d1
d0,d4
d3,d2
d1,d0
<DW 68 b6 bc 00 00>
switch the memory area
D0:800 ... D0:fff from
data to program usage
<DW 68 10 0a>
start program execution at
address D0:100a
3.3.2.11.Serial Program Download
Program downloads may also be performed via the
I2C-interface by using the Write D0/D1 Memory com-
mands. A similar command sequence as in the Fast
Program Download (Freeze, stop transfers...) applies.
SDW
data_read
S
DR
WA
A
WA
P
N
A
d3,d2
W
d1,d0
SDW
data_write
6,n2
n1,n0
P
a3,a2
a1,a0
WA
A
A
WA
A
WA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com