Electronic Components Datasheet Search
  English  ▼

X  

MAS3509F Datasheet(PDF) 46 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 46 Page - Micronas

Back Button MAS3509F Datasheet HTML 42Page - Micronas MAS3509F Datasheet HTML 43Page - Micronas MAS3509F Datasheet HTML 44Page - Micronas MAS3509F Datasheet HTML 45Page - Micronas MAS3509F Datasheet HTML 46Page - Micronas MAS3509F Datasheet HTML 47Page - Micronas MAS3509F Datasheet HTML 48Page - Micronas MAS3509F Datasheet HTML 49Page - Micronas MAS3509F Datasheet HTML 50Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
MAS 35x9F
DATA SHEET
46
June 30, 2004; 6251-505-1DS
Micronas
3.4.3. Codec Registers
Table 3–16: Codec control registers on I2C subaddress 6C
hex
Register
Address
(hex)
Function
Name
CONVERTER CONFIGURATION
00 00
Audio Codec Configuration
0 dB is related to the D/A full-scale output voltage
Please refer to (see Section 4.6.3. on page 81).
bit[15:12]
A/D converter left amplifier gain = n*1.5
−3 [dB]
bit[11:8]
A/D converter right amplifier gain = n*1.5
−3 [dB]
1111
+19.5 dB
1110
+18.0 dB
...
...
0011
+1.5 dB
0010
0.0 dB
0001
−1.5 dB
0000
− 3.0 dB
bit[7:4]
Microphone amplifier gain = n*1.5+21 [dB]
1111
+43.5 dB
1110
+42.0 dB
...
...
0001
+22.5 dB
0000
+21.0 dB
bit[3]
Input selection for left A/D converter channel
0
line-in
1
microphone
bit[2]
Enable left A/D converter1)
bit[1]
Enable right A/D converter1)
bit[0]
Enable D/A converter1)
CONV_CONF
1) The generation of the internal DC reference voltage for the D/A converter is also controlled with this bit. In order
to avoid click noise, the reference voltage at pin AGNDC should have reached a near ground potential before
repowering the D/A converter after a short down phase.
Alternatively, at least one of the A/D converters (bits[2] or [1]) should remain set during short power-down phases
of the D/A. Then the DC reference voltage generation for the D/A converter will not be interrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com