Electronic Components Datasheet Search
  English  ▼

X  

MAS3509F Datasheet(PDF) 6 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 6 Page - Micronas

Back Button MAS3509F Datasheet HTML 2Page - Micronas MAS3509F Datasheet HTML 3Page - Micronas MAS3509F Datasheet HTML 4Page - Micronas MAS3509F Datasheet HTML 5Page - Micronas MAS3509F Datasheet HTML 6Page - Micronas MAS3509F Datasheet HTML 7Page - Micronas MAS3509F Datasheet HTML 8Page - Micronas MAS3509F Datasheet HTML 9Page - Micronas MAS3509F Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
MAS 35x9F
DATA SHEET
6
June 30, 2004; 6251-505-1DS
Micronas
1.1. Features
Firmware
– MPEG 1/2 layer 2 and layer 3 decoder
– Extension to MPEG 2 layer 3 for low sampling rates
(“MPEG 2.5”)
– Extraction of MPEG Ancillary Data
– MPEG 2 AAC decoder (low-complexity profile)
– Micronas G.729 Annex A speech compression and
decompression
– Master or slave clock operation
– Adaptive bit rates (bit rate switching)
– Intelligent power management (processor clock is
dependent on sampling frequencies)
– SDMI-compliant security technology
– Stereo channel mixer
– Bass, treble, and loudness function
– Micronas Bass (MB)
– Automatic Volume Control (AVC)
Interfaces
– Two serial asynchronous interfaces for bit streams
and uncompressed digital audio
– Parallel handshake bit stream input
– Serial audio output via I2S and related formats
– S/PDIF data input and output
– Controlling via I2C interface
Hardware Features
– Two independent embedded DC/DC converters,
(e.g., for DSP and flash RAM supply)
– Low DC/DC converter start-up voltage (0.9 V)
– DC converter efficiency up to 95%
– Battery voltage monitor
– Low supply voltage down to 2.2 V
– Low power dissipation, e.g., 87 mW
(128kBit/s, 44.1 kHz, Headphone playback)
– High-performance RISC DSP core
– On-chip crystal oscillator
– Hardware power management and power-off func-
tions
– Microphone amplifier
– Stereo A/D converter for FM/AM-radio and speech
input
– CD quality stereo D/A converter
– Headphone amplifier
– Noise and power-optimized volume
– External clock or crystal frequency of 13...28 MHz
– Standby current < 10 µA
1.2. Features of the MAS 35x9F Family
Feature
3509
3519
3529
3539
3549
3559
Layer 3 Decoder
XXXX
G.729 Encoder/Decoder
X
X
X
AAC Decoder
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com