Electronic Components Datasheet Search
  English  ▼

X  

LT3798 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3798
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3798 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3798 Datasheet HTML 15Page - Analog Devices LT3798 Datasheet HTML 16Page - Analog Devices LT3798 Datasheet HTML 17Page - Analog Devices LT3798 Datasheet HTML 18Page - Analog Devices LT3798 Datasheet HTML 19Page - Analog Devices LT3798 Datasheet HTML 20Page - Analog Devices LT3798 Datasheet HTML 21Page - Analog Devices LT3798 Datasheet HTML 22Page - Analog Devices LT3798 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8301
19
Rev. B
For more information www.analog.com
TYPICAL APPLICATIONS
2.7V to 36VIN/15VOUT Micropower Isolated Flyback Converter
8V to 36VIN/3.3VOUT Micropower Isolated Flyback Converter
Efficiency vs Load Curent
LT8301
T1
1:1
D2
Z1
D1
RFB
SW
40µH
40µH
D1: CENTRAL CMHD4448
D2: CENTRAL CMMR1U-02
T1: SUMIDA 12387-T041
Z1: CENTRAL CMDZ5248B
EN/UVLO
10µF
VIN
VIN
2.7V TO 36V
VOUT+
15V
2mA TO 130mA (VIN = 5V)
2mA TO 230mA (VIN = 12V)
2mA TO 320mA (VIN = 24V)
2mA TO 370mA (VIN = 36V)
VOUT–
GND
150k
•
•
10µF
8301 TA02a
LOAD CURRENT (mA)
0
65
70
75
80
85
90
95
100
200
300
400
8301 TA02b
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LT8301
T1
4:1
D2
Z1
D1
RFB
SW
40µH
2.5µH
D1: CENTRAL CMHD4448
D2: NXP PMEG2020EH
T1: SUMIDA 12387-T036
Z1: CENTRAL CMDZ5250B
EN/UVLO
806k
4.7µF
VIN
VIN
8V TO 36V
VOUT+
3.3V
8.5mA TO 0.95A (VIN = 12V)
8.5mA TO 1.30A (VIN = 24V)
8.5mA TO 1.50A (VIN = 36V)
VOUT–
GND
137k
232k
•
•
47µF
8301 TA03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com