Electronic Components Datasheet Search
  English  ▼

X  

LT3798 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3798
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3798 Datasheet(HTML) 3 Page - Analog Devices

  LT3798 Datasheet HTML 1Page - Analog Devices LT3798 Datasheet HTML 2Page - Analog Devices LT3798 Datasheet HTML 3Page - Analog Devices LT3798 Datasheet HTML 4Page - Analog Devices LT3798 Datasheet HTML 5Page - Analog Devices LT3798 Datasheet HTML 6Page - Analog Devices LT3798 Datasheet HTML 7Page - Analog Devices LT3798 Datasheet HTML 8Page - Analog Devices LT3798 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT8301
3
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The SW pin is rated to 65V for transients. Depending on the
leakage inductance voltage spike, operating waveforms of the SW pin
should be derated to keep the flyback voltage spike below 65V as shown
in Figure 5.
Note 3: The LT8301E is guaranteed to meet performance specifications
from 0°C to 125°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VEN/UVLO = VIN unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
l
2.7
42
V
VIN UVLO Threshold
Rising
Falling
2.5
2.3
2.65
V
V
IQ
VIN Quiescent Current
VEN/UVLO = 0.2V
VEN/UVLO = 1.1V
Sleep Mode (Switch Off)
Active Mode (Switch On)
0.8
215
100
350
2
µA
µA
µA
µA
EN/UVLO Shutdown Threshold
For Lowest Off IQ
l
0.2
0.55
V
EN/UVLO Enable Threshold
Falling
Hysteresis
1.204
1.228
0.014
1.248
V
V
IHYS
EN/UVLO Hysteresis Current
VEN/UVLO = 0.2V
VEN/UVLO = 1.1V
VEN/UVLO = 1.3V
–0.1
2.2
–0.1
0
2.5
0
0.1
2.8
0.1
µA
µA
µA
fMIN
Minimum Switching Frequency
9.4
10
10.6
kHz
tON(MIN)
Minimum Switch-On Time
170
ns
tOFF(MAX)
Maximum Switch-Off Time
Backup Timer
190
µs
ISW(MAX)
Maximum SW Current Limit
l
1.200
1.375
1.550
A
ISW(MIN)
Minimum SW Current Limit
l
0.22
0.29
0.36
A
RDS(ON)
Switch On-Resistance
ISW = 500mA
0.4
Ω
ILKG
Switch Leakage Current
VIN = 42V, VSW = 65V
0.1
0.5
µA
IRFB
RFB Regulation Current
l
97.5
100
102.5
µA
RFB Regulation Current Line Regulation
2.7V ≤ VIN ≤ 42V
0.02
0.1
%/V
The LT8301I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT8301J and LT8301H are guaranteed over the
full –40°C to 150°C operating junction temperature range. The LT8301MP
is guaranteed over the full –55°C to 150°C operating junction temperature
range. High junction temperatures degrade operating lifetimes. Operating
lifetime is derated at junction temperature greater than 125°C.
Note 4: The LT8301 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com