Electronic Components Datasheet Search
  English  ▼

X  

LT3798 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3798
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3798 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3798 Datasheet HTML 16Page - Analog Devices LT3798 Datasheet HTML 17Page - Analog Devices LT3798 Datasheet HTML 18Page - Analog Devices LT3798 Datasheet HTML 19Page - Analog Devices LT3798 Datasheet HTML 20Page - Analog Devices LT3798 Datasheet HTML 21Page - Analog Devices LT3798 Datasheet HTML 22Page - Analog Devices LT3798 Datasheet HTML 23Page - Analog Devices LT3798 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT8301
21
Rev. B
For more information www.analog.com
TYPICAL APPLICATIONS
VIN to (VIN + 10V)/(VIN – 10V) Micropower Converter
12V to 24VIN/Four 15VOUT Micropower Isolated Flyback Converter
LT8301
D1
D2
T1
1:1:1:1:1
Z1
RFB
SW
30µH
30µH
EN/UVLO
806k
4.7µF
232k
VIN
VIN
12V TO 24V
GND
150k
D1: CENTRAL CMHD4448
D2-D5: CENTRAL CMMR1U-02
T1: SUMIDA EPH2815-ADBN-A0349
Z1: CENTRAL CMDZ5248B
7.5k
VOUT1+
15V
60mA
VOUT1–
8301 TA07
2.2µF
•
D3
30µH
7.5k
VOUT2+
15V
60mA
VOUT2–
2.2µF
•
D4
30µH
7.5k
VOUT3+
15V
60mA
VOUT3–
2.2µF
•
D5
30µH
7.5k
VOUT4+
15V
60mA
VOUT4–
2.2µF
•
•
LT8301
Z1
RFB
SW
EN/UVLO
10µF
VIN
T1
1:1
VIN
2.7V TO 42V
VIN + 10V
150mA
VIN – 10V
VIN
150mA
GND
102k
40µH
40µH
D1, D2: DIODES INC. DFLS160
T1: SUMIDA 12387-T041
Z1: CENTRAL CMDZ12L
D1
D2
4.7µF
4.7µF
8301 TA06
Z2
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com