Electronic Components Datasheet Search
  English  ▼

X  

LM193 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM193
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM193 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM193 Datasheet HTML 15Page - Texas Instruments LM193 Datasheet HTML 16Page - Texas Instruments LM193 Datasheet HTML 17Page - Texas Instruments LM193 Datasheet HTML 18Page - Texas Instruments LM193 Datasheet HTML 19Page - Texas Instruments LM193 Datasheet HTML 20Page - Texas Instruments LM193 Datasheet HTML 21Page - Texas Instruments LM193 Datasheet HTML 22Page - Texas Instruments LM193 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
8 Detailed Description
8.1 Overview
These dual comparators have the ability to operate up to absolute maximum of 36 V (38 V for the "B" version) on
the supply pin. This device has proven ubiquity and versatility across a wide range of applications. This is due to
very wide supply voltages range, low Iq and fast response of the devices.
The open-drain output allows the user to configure the output's logic high voltage (VOH) and can be used to
enable the comparator to be used in AND functionality.
8.2 Functional Block Diagram
80- A
µ
Current Regulator
80 µA
60 µA
10 µA
VCC
10 µA
OUT
GND
IN+
IN−
Epi-FET
Diodes
Resistors
Transistors
COMPONENT COUNT
1
2
2
30
Figure 8-1. Schematic (Each Comparator)
8.3 Feature Description
The comparator consists of a PNP darlington pair input, allowing the device to operate with very high gain and
fast response with minimal input bias current. The input Darlington pair creates a limit on the input common
mode voltage capability, allowing the comparator to accurately function from ground to VCC– 1.5 V input. Allow
for VCC– 2 V at cold temperature.
The output consists of an open drain NPN (pull-down or low side) transistor. The output NPN sinks current when
the negative input voltage is higher than the positive input voltage and the offset voltage. The VOL is resistive
and scales with the output current. See Figure 7-3 for VOL values with respect to the output current.
8.4 Device Functional Modes
8.4.1 Voltage Comparison
The device operates solely as a voltage comparator, comparing the differential voltage between the positive and
negative pins and outputting a logic low or high impedance (logic high with pullup) based on the input differential
polarity.
www.ti.com
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com