Electronic Components Datasheet Search
  English  ▼

X  

LM193 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM193
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM193 Datasheet(HTML) 3 Page - Texas Instruments

  LM193 Datasheet HTML 1Page - Texas Instruments LM193 Datasheet HTML 2Page - Texas Instruments LM193 Datasheet HTML 3Page - Texas Instruments LM193 Datasheet HTML 4Page - Texas Instruments LM193 Datasheet HTML 5Page - Texas Instruments LM193 Datasheet HTML 6Page - Texas Instruments LM193 Datasheet HTML 7Page - Texas Instruments LM193 Datasheet HTML 8Page - Texas Instruments LM193 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
5 Family Comparison Table
Specification
LM393B
LM2903B
LM393
LM393A
LM2903
LM2903V
LM2903AV
LM193
LM293
LM293A
Units
Supply Votlage
3 to 36
3 to 36
2 to 30
2 to 30
2 to 32
2 to 30
2 to 30
V
Total Supply Current
(5V to 36V max)
0.6 to 0.8
0.6 to 0.8
1 to 2.5
1 to 2.5
1 to 2.5
1 to 2.5
1 to 2.5
mA
Temperature Range
−40 to 85 −40 to 125
0 to 70
−40 to 125
−40 to 125
−55 to 125 −25 to 85
°C
ESD (HBM)
2000
2000
1000
1000
1000
1000
1000
V
Offset Voltage
(Max over temp)
± 4
± 4
± 9
± 4
± 15
± 15
± 4
± 9
± 9
± 4
V
Input Bias Current (typ / max)
3.5 / 25
3.5 / 25
25 / 250
25 / 250
25 / 250
25 / 100
25 / 250
nA
Response Time (typ)
1
1
1.3
1.3
1.3
1.3
1.3
µsec
www.ti.com
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com