Electronic Components Datasheet Search
  English  ▼

X  

LM193 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM193
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM193 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM193 Datasheet HTML 19Page - Texas Instruments LM193 Datasheet HTML 20Page - Texas Instruments LM193 Datasheet HTML 21Page - Texas Instruments LM193 Datasheet HTML 22Page - Texas Instruments LM193 Datasheet HTML 23Page - Texas Instruments LM193 Datasheet HTML 24Page - Texas Instruments LM193 Datasheet HTML 25Page - Texas Instruments LM193 Datasheet HTML 26Page - Texas Instruments LM193 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
10 Power Supply Recommendations
For fast response and comparison applications with noisy or AC inputs, TI recommends to use a bypass
capacitor on the supply pin to reject any variation on the supply voltage. This variation can eat into the input
common-mode range of the comparator and create an inaccurate comparison.
11 Layout
11.1 Layout Guidelines
For accurate comparator applications without hysteresis it is important maintain a stable power supply with
minimized noise and glitches. To achieve this, it is best to add a bypass capacitor between the supply voltage
and ground. This should be implemented on the positive power supply and negative supply (if available). If a
negative supply is not being used, do not put a capacitor between the IC's GND pin and system ground.
Minimize coupling between outputs and inverting inputs to prevent output oscillations. Do not run output and
inverting input traces in parallel unless there is a VCC or GND trace between output and inverting input traces to
reduce coupling. When series resistance is added to inputs, place resistor close to the device.
11.2 Layout Example
VCC
Ground
6
5
7
1
2
3
4
8
Ground
PF
1IN-
1IN+
GND
2OUT
2IN-
2IN+
1OUT
VCC
OK
VCC or GND
Better
Input Resistors
Close to device
Figure 11-1. LM2903 Layout Example
www.ti.com
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005AD – OCTOBER 1979 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM393B LM2903B LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com