Electronic Components Datasheet Search
  English  ▼

X  

REF3433-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # REF3433-Q1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3433-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  REF3433-Q1 Datasheet HTML 1Page - Texas Instruments REF3433-Q1 Datasheet HTML 2Page - Texas Instruments REF3433-Q1 Datasheet HTML 3Page - Texas Instruments REF3433-Q1 Datasheet HTML 4Page - Texas Instruments REF3433-Q1 Datasheet HTML 5Page - Texas Instruments REF3433-Q1 Datasheet HTML 6Page - Texas Instruments REF3433-Q1 Datasheet HTML 7Page - Texas Instruments REF3433-Q1 Datasheet HTML 8Page - Texas Instruments REF3433-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
6.1 Pin Functions ............................................................. 3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings ....................................... 4
7.2 ESD Ratings .............................................................. 4
7.3 Recommended Operating Conditions ........................4
7.4 Thermal Information ...................................................4
7.5 Electrical Characteristics ............................................5
8 Typical Characteristics................................................... 7
9 Parameter Measurement Information.......................... 12
9.1 Solder Heat Shift.......................................................12
9.2 Long-Term Stability................................................... 13
9.3 Thermal Hysteresis................................................... 13
9.4 Power Dissipation..................................................... 14
9.5 Noise Performance................................................... 15
10 Detailed Description....................................................16
10.1 Overview................................................................. 16
10.2 Functional Block Diagram....................................... 16
10.3 Feature Description.................................................16
10.4 Device Functional Modes........................................17
11 Application and Implementation................................ 18
11.1 Application Information............................................18
11.2 Typical Applications.................................................18
12 Power Supply Recommendations..............................23
13 Layout...........................................................................23
13.1 Layout Guidelines................................................... 23
13.2 Layout Example...................................................... 23
14 Device and Documentation Support..........................25
14.1 Documentation Support.......................................... 25
14.2 Receiving Notification of Documentation Updates..25
14.3 Support Resources................................................. 25
14.4 Trademarks.............................................................25
14.5 Electrostatic Discharge Caution..............................25
14.6 Glossary..................................................................25
15 Mechanical, Packaging, and Orderable
Information.................................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (August 2020) to Revision C (October 2020)
Page
• Added information for REF34-Q1 DGK Package............................................................................................... 3
• Added information for REF34xx-Q1 DGK package pin functions....................................................................... 3
Changes from Revision A (September 2018) to Revision B (August 2020)
Page
• Added information for REF34xxS-Q1................................................................................................................. 3
• Added information for REF34xxS-Q1................................................................................................................. 3
Changes from Revision * (July 2018) to Revision A (September 2018)
Page
• Changed Advance Information to Production Data............................................................................................ 1
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com