| Electronic Components Datasheet Search |
|
REF3433-Q1 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3433-Q1 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 38 page ![]() 11.2.1.2.4 Shutdown/Enable Feature The REF34-Q1 references can be switched to a low power shut-down mode when a voltage of 0.5 V or lower is input to the ENABLE pin. Likewise, the reference becomes operational for ENABLE voltages of 1.6 V or higher. During shutdown, the supply current drops to less than 2 μA, useful in applications that are sensitive to power consumption. If using the shutdown feature, ensure that the ENABLE pin voltage does not fall between 0.5 V and 1.6 V because this causes a large increase in the supply current of the device and may keep the reference from starting up correctly. If not using the shutdown feature, however, the ENABLE pin can simply be tied to the IN pin, and the reference remains operational continuously. 11.2.1.3 Application Curves Temperature (°C) -50 -25 0 25 50 75 100 125 71 71.5 72 72.5 73 73.5 74 74.5 75 D004 Figure 11-2. Quiescent Current vs Temperature Temperature (°C) -40 -15 10 35 60 85 110 125 2 2.1 2.2 2.3 2.4 2.5 2.6 D013 Figure 11-3. Quiescent Current Shutdown Mode REF34-Q1 SBAS901C – JULY 2018 – REVISED OCTOBER 2020 www.ti.com 20 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: REF34-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |