Electronic Components Datasheet Search
  English  ▼

X  

REF3433-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Part # REF3433-Q1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3433-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF3433-Q1 Datasheet HTML 18Page - Texas Instruments REF3433-Q1 Datasheet HTML 19Page - Texas Instruments REF3433-Q1 Datasheet HTML 20Page - Texas Instruments REF3433-Q1 Datasheet HTML 21Page - Texas Instruments REF3433-Q1 Datasheet HTML 22Page - Texas Instruments REF3433-Q1 Datasheet HTML 23Page - Texas Instruments REF3433-Q1 Datasheet HTML 24Page - Texas Instruments REF3433-Q1 Datasheet HTML 25Page - Texas Instruments REF3433-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
With the RSS error of the voltage reference, the ADC error needs also needs to be calculated using the RSS
method as seen in Equation 6. Equation 7 can then be used to sum both errors. It is important to make sure that
only the applicable voltage reference error in relation to the measured signal is used.
ADC Total
2
2
2
2
Total Unadjusted Error
Error
Gain Error
Offset Error
INL Error
DNL Error
(6)
2
2
VREF ADC Total
VREF@ AIN Total
ADC Total
Error
Error
Error
(7)
11.2.2.4 Enable Feature in ADAS
In ADAS applications it is important to have a low quiescent current when the automotive application does not
require the ADAS system to be in use. This creates a need for a low standby power so the battery life is
preserved but there is also need for the system to still be readily available to start-up with minimal delays. In
such situations the MCU and other systems will go into a standby mode to ensure that the power consumption is
lowered to the absolute minimum. The REF3425-Q1 offers an enable pin that can be controlled by the MCU to
activate shutdown mode with causes the REF3425-Q1 to go into stand by and consume 3 μA (maximum) and
allow for a longer battery life.
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com