Electronic Components Datasheet Search
  English  ▼

X  

MMM6035 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Input/Output ESD Specifications
MMM6035 Advance Information, Rev. 2.4
10
Freescale Semiconductor
Table 10. ESD Machine Model: EOS/ESD-S5.1, From 50 V up to 150 V (Destruction Voltage)
Pin Number/Name
50 Volts
75 Volts
100 Volts
150 Volts
200 Volts
1 - GND
NANANANANA
2 - VDD2_HB
X
3 - VDD1_HB
X
4 - Vapc
X
5 - TXIn_HB
X
6 - TXIn_LB
X
7 - VDD1_LB
X
8 - VDD2_LB
X
9 - GND
NANANANANA
10 - GND
NANANANANA
11 - TXOut_LB
X
12 - Vreg_PA
X
13 - VD_OUT
X
14 - Vramp
X
15 - TXEn
X
16 - LB_HB
X
17 - Vreg
X
18 - Vbat
X
19 - VD3_HB_DEC
X
20 - TXOut_HB
X
21 - GND
NANANANANA
22 - GND
NANANANANA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com