Electronic Components Datasheet Search
  English  ▼

X  

MMM6035 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Design Information
MMM6035 Advance Information, Rev. 2.4
16
Freescale Semiconductor
two-pole Sallenkey filter included in the VRAMP path to remove DAC noise and to provide VRAMP
signal smoothing.
7.2
Anti-Saturation Detection Feature
The MMM6035 prevents degradation of switching transients, regardless of battery conditions, due to an
internal anti-saturation detection feature. The goal of this block is to maintain the RF output power ramp
within the power versus time mask and to maintain acceptable spectral limits at specified offset
frequencies.
The anti-saturation detection feature is implemented by a feedback loop inside the power control loop
which detects when the power controller PMOS goes into the linear region. The feedback loop reduces
VRAMP to maintain the pass device in its saturation region, even under low battery voltage conditions.
Figure 6. Anti-Saturation Detection
7.3
Recommended Power Control Calibration Procedure
Power control calibration is carried out at two points. The procedure first requires the measurement of
output power (Po) calibration points at two values of Vramp (Vramp(1) and Vramp(2)). Figure 5 shows
these points, after conversion (*), plotted on the RMS RF output voltage (Vrf) against the control voltage
(Vramp) characteristic. Using these points, the Vramp voltage (Vramp(E)) can be estimated for any desired
output power level. In order to meet the transmitted power level versus time requirement of GSM05.05
Specification, at the lowest power level, it is also necessary to determine the Vramp pedestal voltage (see
Figure 4 and Figure 5) required to reach an acceptable power level when the controller section feedback
loop has stabilized after wake-up.
As a reminder:
Eqn. 1
where Po is in dBm into 50
Ω and Vrf is in Vrms.
-15
-10
-5
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
20
Time (us)
Time Mask
VBATT = 3.0V
Antisat off
VBATT = 3.0V
Antisat on
VBATT = 3.5V
Antisat on
Vrf
10
Po 13
–
() 20
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com