Electronic Components Datasheet Search
  English  ▼

X  

MMM6035 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Design Information
MMM6035 Advance Information, Rev. 2.4
Freescale Semiconductor
15
To meet the GSM power versus time mask and switching transient requirement, the MMM6035 must be
provided with a DAC ramp profile on the VRAMP input, as well as proper timing on digital controls for
the control loop circuitry as shown in Figure 5.
Figure 5. Recommended Power Control Timing
The ramp profile consists of a pedestal voltage, 12 to 16 discrete voltage steps on the rising edge of the
burst, a constant region, 12 to 16 steps on the falling edge of the burst, and a final voltage. Generally, the
same profile, scaled in amplitude, us used for all frequencies and power control levels.
A feature unique to the MMM6035 is the internal offset generator which functions to cancel any external
offset associated with the DAC driving the VRAMP pin. In addition, the MMM6035 has a 200 kHz
TX_EN
twu
Vramp
Voffset
Vramp(H)
Pout (dB)
VD_OUT
+4dBc
-30dBc*
-6dBc*
* Derated at low Pout
10µs
10µs
8µs
542.8µs
10µs
10µs
8µs
Vpedestal
Iso1
Iso2
tr_ramp
tf_ramp
Vramp(L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com