Electronic Components Datasheet Search
  English  ▼

X  

LTC3534 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3534
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3534 Datasheet(HTML) 2 Page - Analog Devices

  LTC3534 Datasheet HTML 1Page - Analog Devices LTC3534 Datasheet HTML 2Page - Analog Devices LTC3534 Datasheet HTML 3Page - Analog Devices LTC3534 Datasheet HTML 4Page - Analog Devices LTC3534 Datasheet HTML 5Page - Analog Devices LTC3534 Datasheet HTML 6Page - Analog Devices LTC3534 Datasheet HTML 7Page - Analog Devices LTC3534 Datasheet HTML 8Page - Analog Devices LTC3534 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC3114-1
2
Rev. D
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
VIN, PVIN, PVOUT........................................ –0.3V to 45V
VBST1 .....................................VSW1 – 0.3V to VSW1 + 6V
VBST2 .....................................VSW2 – 0.3V to VSW2 + 6V
VRUN ............................................. –0.3V to (VIN + 0.3V)
Voltage, All Other Pins ................................. –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 4)
LTC3114E-1/LTC3114I-1 ..................... –40°C to 125°C
LTC3114H-1 ....................................... –40°C to 150°C
LTC3114MP-1..................................... –55°C to 150°C
(Note 1)
16
15
14
13
12
11
10
9
17
PGND
1
2
3
4
5
6
7
8
MODE
SW1
PVIN
BST1
BST2
PLDO
VIN
LDO
PGND
SW2
PVOUT
RUN
PROG
VC
FB
GND
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W (4-LAYER BOARD), θJC = 4°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
FOR RATED THERMAL PERFORMANCE
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
PGND
SW2
PVOUT
RUN
PROG
VC
FB
GND
MODE
SW1
PVIN
BST1
BST2
PLDO
VIN
LDO
17
PGND
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
FOR RATED THERMAL PERFORMANCE
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3114EDHC-1#PBF
LTC3114EDHC-1#TRPBF
31141
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3114IDHC-1#PBF
LTC3114IDHC-1#TRPBF
31141
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3114HDHC-1#PBF
LTC3114HDHC-1#TRPBF
31141
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 150°C
LTC3114MPDHC-1#PBF
LTC3114MPDHC-1#TRPBF 31141
16-Lead (5mm × 3mm) Plastic DFN
–55°C to 150°C
LTC3114EFE-1#PBF
LTC3114EFE-1#TRPBF
3114FE-1
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3114IFE-1#PBF
LTC3114IFE-1#TRPBF
3114FE-1
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3114HFE-1#PBF
LTC3114HFE-1#TRPBF
3114FE-1
16-Lead Plastic TSSOP
–40°C to 150°C
LTC3114MPFE-1#PBF
LTC3114MPFE-1#TRPBF
3114FE-1
16-Lead Plastic TSSOP
–55°C to 150°C
Storage Temperature Range....................–65°C to 150°C
Lead Temperature (Soldering, 10 Sec)
FE Package .......................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com