Electronic Components Datasheet Search
  English  ▼

X  

LTC3534 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3534
Description  40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3534 Datasheet(HTML) 3 Page - Analog Devices

  LTC3534 Datasheet HTML 1Page - Analog Devices LTC3534 Datasheet HTML 2Page - Analog Devices LTC3534 Datasheet HTML 3Page - Analog Devices LTC3534 Datasheet HTML 4Page - Analog Devices LTC3534 Datasheet HTML 5Page - Analog Devices LTC3534 Datasheet HTML 6Page - Analog Devices LTC3534 Datasheet HTML 7Page - Analog Devices LTC3534 Datasheet HTML 8Page - Analog Devices LTC3534 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTC3114-1
3
Rev. D
For more information www.analog.com
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
AUTOMOTIVE PRODUCTS**
LTC3114EDHC-1#WPBF
LTC3114EDHC-1#WTRPBF 31141
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3114IDHC-1#WPBF
LTC3114IDHC-1#WTRPBF 31141
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3114IFE-1#WPBF
LTC3114IFE-1#WTRPBF
3114FE-1
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3114EFE-1#WPBF
LTC3114EFE-1#WTRPBF
3114FE-1
16-Lead Plastic TSSOP
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 24V, VOUT = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
VLDO ≥ 2.7V, –55°C to 0°C
VLDO ≥ 2.7V, 0°C to 150°C
l
l
2.3
2.2
40
40
V
V
Output Operating Voltage
(Note 5)
l
2.7
40
V
Undervoltage Lockout Threshold on LDO
VLDO Rising
l
2.3
2.5
2.7
V
VIN Quiescent Current in Shutdown
3
µA
VIN Quiescent Current in Burst Mode Operation
FB = 1.4V, Non-Bootstrapped (Note 6)
50
µA
Oscillator Frequency
l
1000
1200
1400
kHz
Oscillator Frequency Variation
VIN = 12V to 36V
0.1
%/V
Feedback Voltage
Measured on FB
l
0.98
1.0
1.02
V
Feedback Voltage Line Regulation
VIN = 2.7V to 40V, Measured on FB
0.2
%
Error Amplifier Transconductance
VC Current = ±5µA
120
µS
FB Pin Input Current
FB = 1V
1
50
nA
VC Source Current
VC = 0.6V
–12
µA
VC Sink Current
VC = 0.6V
12
µA
RUN Pin Threshold—Accurate
RUN Pin Rising
l
1.185
1.205
1.29
V
RUN Pin Hysteresis
140
mV
Run Pin Threshold—Logic
l
0.3
0.7
1.1
V
PROG Current
Switch D Current = 1A
Switch D Current = 500mA
Switch D Current = 100mA (Note 3)
38
18
2
40
20
4
42
22
6
µA
µA
µA
PROG Current Gain
Ratio of PROG Current to SWD Current
40
µA/A
PROG Voltage Threshold
0.90
0.925
0.95
V
Inductor Current Limit
(Note 3)
l
1.3
1.7
2.3
A
Overload Current Limit
VOUT = 0V (Note 3)
2.6
A
IZERO Inductor Current Limit
(Note 3)
100
mA
Maximum Duty Cycle
Percentage of Period SW2 is Low in Boost Mode
Percentage of Period SW1 is High in Boost Mode
l
l
90
85
95
88
%
%
Minimum Duty Cycle
Percentage of Period SW1 is High in Buck Mode
l
0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com