Electronic Components Datasheet Search
  English  ▼

X  

LTC3255 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3255
Description  Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3255 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3255 Datasheet HTML 2Page - Analog Devices LTC3255 Datasheet HTML 3Page - Analog Devices LTC3255 Datasheet HTML 4Page - Analog Devices LTC3255 Datasheet HTML 5Page - Analog Devices LTC3255 Datasheet HTML 6Page - Analog Devices LTC3255 Datasheet HTML 7Page - Analog Devices LTC3255 Datasheet HTML 8Page - Analog Devices LTC3255 Datasheet HTML 9Page - Analog Devices LTC3255 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3246
6
3246fa
For more information www.linear.com/LTC3246
TYPICAL PERFORMANCE CHARACTERISTICS
Boost Output Impedance at
Dropout vs Temperature
Reset Timeout Period
vs CRT Capacitance
Watchdog Timeout Period
vs CWT Capacitance
Internal Reset Timeout Period
vs Temperature
Internal Watchdog Timeout
Period vs Temperature
BIAS Output Voltage vs
Input Voltage
ADJ Regulation Voltage
vs Temperature
TA = 25°C, unless otherwise noted.
0.001 0.01
0.1
1
10
100
1000
1
10
100
1000
10000
100000
3246 G18
CWT (nF)
−60 −40 −20 0 20 40 60 80 100 120 140
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
3246 G12
TEMPERATURE (°C)
−60 −45 −30 −15 0 15 30 45 60 75 90
TEMPERATURE (°C)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
3246 G13
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.3V
VOUT = 5.0V
IOUT = 500mA
−60 −40 −20 0 20 40 60 80 100 120 140
100
125
150
175
200
225
250
275
300
3246 G14
TEMPERATURE (°C)
−60 −40 −20 0 20 40 60 80 100 120 140
TEMPERATURE (°C)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
3246 G15
−60 −40 −20 0 20 40 60 80 100 120 140
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3246 G16
TEMPERATURE (°C)
VIN = 12V
VIN = 2.7V
0.001 0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
3246 G17
CRT (nF)
0
5
10
15
20
25
30
35
40
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3246 G19
OUT
V
SD
OUT
V
EN
VIN (V)
RT/WT Timer Control Current
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com