Electronic Components Datasheet Search
  English  ▼

X  

LTC3255 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3255
Description  Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3255 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3255 Datasheet HTML 12Page - Analog Devices LTC3255 Datasheet HTML 13Page - Analog Devices LTC3255 Datasheet HTML 14Page - Analog Devices LTC3255 Datasheet HTML 15Page - Analog Devices LTC3255 Datasheet HTML 16Page - Analog Devices LTC3255 Datasheet HTML 17Page - Analog Devices LTC3255 Datasheet HTML 18Page - Analog Devices LTC3255 Datasheet HTML 19Page - Analog Devices LTC3255 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC3246
17
3246fa
For more information www.linear.com/LTC3246
TYPICAL APPLICATIONS
Regulated 2.5V Output with Externally Programmed Watchdog Timing
LTC3246
3246 TA02
VIN
SEL1
SEL2
BIAS
RSTI
C+
C–
VOUT
RST
WDI
OUTS/ADJ
1µF
47µF
10µF
10nF
22nF
500k
1270k
1000k
µC
2.2µF
VIN = 2.7V TO 38V
VOUT = 2.5V
IOUT UP TO 500mA
GND
RT
WT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com