Electronic Components Datasheet Search
  English  ▼

X  

LTC3255 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3255
Description  Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3255 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3255 Datasheet HTML 5Page - Analog Devices LTC3255 Datasheet HTML 6Page - Analog Devices LTC3255 Datasheet HTML 7Page - Analog Devices LTC3255 Datasheet HTML 8Page - Analog Devices LTC3255 Datasheet HTML 9Page - Analog Devices LTC3255 Datasheet HTML 10Page - Analog Devices LTC3255 Datasheet HTML 11Page - Analog Devices LTC3255 Datasheet HTML 12Page - Analog Devices LTC3255 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3246
9
3246fa
For more information www.linear.com/LTC3246
SIMPLIFIED BLOCK DIAGRAM
10µF
1µF
10µF
2.2µF
1.2V
1.1V
MODE
CLK
CHARGE PUMP
SEL1
UP TO 38V
VIN
2.7V TO 38V
SEL2
UP TO 38V
RSTI
0V TO 5V
WDI
UP TO 38V
VOUT
3.5V/5V/ADJ
500mA
3246 BD
ADJ
3.3V
5V
SD
MUX
VIN
VIN
BIAS
BIAS
VIN
VOUT
GND
VOUT
RST
SEL1
SEL2
RSTI
WDI
6
9
4
8
7
5
3
10
5V
LDO
OUT
OSC
EN
WATCHDOG
TIMER
PGOOD
+9%/–5%
RESET
TIMER
ILIM
MODE
COMP
–
+
OUTS/
ADJ
15
17
12
14
16
WT
RT
1
2
C+
C–
11
13
CWT
CRT
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com