Electronic Components Datasheet Search
  English  ▼

X  

DAC53401 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53401
Description  DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53401 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC53401 Datasheet HTML 28Page - Texas Instruments DAC53401 Datasheet HTML 29Page - Texas Instruments DAC53401 Datasheet HTML 30Page - Texas Instruments DAC53401 Datasheet HTML 31Page - Texas Instruments DAC53401 Datasheet HTML 32Page - Texas Instruments DAC53401 Datasheet HTML 33Page - Texas Instruments DAC53401 Datasheet HTML 34Page - Texas Instruments DAC53401 Datasheet HTML 35Page - Texas Instruments DAC53401 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
8.6 Register Map
Table 8-12. Register Map
ADDR
MOST SIGNIFICANT DATA BYTE (MSDB)
LEAST SIGNIFICANT DATA BYTE (LSDB)
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
D0h
NVM_
CRC_
ALARM_
USER
NVM_
CRC_
ALARM_
INTERNAL
NVM_
BUSY
DAC_
UPDATE_
BUSY
X(1)
DEVICE_ID
VERSION_ID
D1h
FUNC_CONFIG
DEVICE_
LOCK
EN_
PMBUS
CODE_STEP
SLEW_RATE
DAC_PDN
REF_
EN
DAC_SPAN
D3h
DEVICE_UNLOCK_CODE
X
DEVICE_
CONFIG_
RESET
START_
FUNC_
GEN
PMBUS_
MARGIN_
HIGH
PMBUS_
MARGIN_
LOW
NVM_
RELOAD
NVM_
PROG
SW_RESET
21h
X
DAC_DATA[9:0] (10-Bit) or DAC_DATA[7:0] (8-Bit)
X
25h
X
MARGIN_HIGH[9:0] (10-Bit) or MARGIN_HIGH[7:0] (8-Bit)
X
26h
X
MARGIN_LOW[9:0] (10-Bit) or MARGIN_LOW[7:0] (8-Bit)
X
01h
PMBUS_OPERATION_CMD
N/A
78h
X
CML
N/A
98h
PMBUS_VERSION
N/A
(1)
X = Don't care.
Table 8-13. Register Names
ADDRESS
REGISTER NAME
SECTION
D0h
STATUS
Section 8.6.1
D1h
GENERAL_CONFIG
Section 8.6.2
D3h
TRIGGER
Section 8.6.3
21h
DAC_DATA
Section 8.6.4
25h
DAC_MARGIN_HIGH
Section 8.6.5
26h
DAC_MARGIN_LOW
Section 8.6.6
01h
PMBUS_OPERATION
Section 8.6.7
78h
PMBUS_STATUS_BYTE
Section 8.6.8
98h
PMBUS_VERSION
Section 8.6.9
Table 8-14. Access Type Codes
Access Type
Code
Description
X
X
Don't care
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
DAC53401-Q1, DAC43401-Q1
SLASE30 – OCTOBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DAC53401-Q1 DAC43401-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com