Electronic Components Datasheet Search
  English  ▼

X  

DAC53401 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53401
Description  DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53401 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC53401 Datasheet HTML 17Page - Texas Instruments DAC53401 Datasheet HTML 18Page - Texas Instruments DAC53401 Datasheet HTML 19Page - Texas Instruments DAC53401 Datasheet HTML 20Page - Texas Instruments DAC53401 Datasheet HTML 21Page - Texas Instruments DAC53401 Datasheet HTML 22Page - Texas Instruments DAC53401 Datasheet HTML 23Page - Texas Instruments DAC53401 Datasheet HTML 24Page - Texas Instruments DAC53401 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
8.3.3.2 NVM_CRC_ALARM_USER Bit
A logic 1 on NVM_CRC_ALARM_USER bit indicates that the user-programmable NVM data is corrupt. During
this condition, all registers in the DAC are initialized with factory reset values, and any DAC registers can be
written to or read from. To reset the alarm bits to 0, issue a software reset (see Section 8.3.6) command, or cycle
power to the DAC. Alternatively, cycle the power to reload the user-programmable NVM bits.
8.3.3.3 NVM_CRC_ALARM_INTERNAL Bit
A logic 1 on NVM_CRC_ALARM_INTERNAL bit indicates that the internal NVM data is corrupt. During this
condition, all registers in the DAC are initialized with factory reset values, and any DAC registers can be written
to or read from. To reset the alarm bits to 0, issue a software reset (see Section 8.3.6) command or cycle power
to the DAC.
8.3.4 Programmable Slew Rate
When the DAC data registers are written, the voltage on DAC output (VOUT) immediately transitions to the new
code following the slew rate and settling time specified in Section 7.5. The slew rate control feature allows the
user to control the rate at which the output voltage (V OUT) changes. When this feature is enabled (using
SLEW_RATE[3:0] bits), the DAC output changes from the current code to the code in MARGIN_HIGH (address
25h) or MARGIN_LOW (address 26h) registers (when margin high or low commands are issued to the DAC)
using the step and rate set in CODE_STEP and SLEW_RATE bits. With the default slew rate control setting
(CODE_STEP and SLEW_RATE bits, address D1h), the output changes smoothly at a rate limited by the output
drive circuitry and the attached load. Using this feature, the output steps digitally at a rate defined by bits
CODE_STEP and SLEW_RATE on address D1h. SLEW_RATE defines the rate at which the digital slew
updates; CODE_STEP defines the amount by which the output value changes at each update. Table 8-2 and
Table 8-3 show different settings for CODE_STEP and SLEW_RATE.
When the slew rate control feature is used, the output changes happen at the programmed slew rate. This
configuration results in a staircase formation at the output. Do not write to CODE_STEP, SLEW_RATE, or
DAC_DATA during the output slew.
Table 8-2. Code Step
REGISTER ADDRESS
AND NAME
CODE_STEP[2]
CODE_STEP[1]
CODE_STEP[0]
COMMENT
D1h, GENERAL_CONFIG
0
0
0
Code step size = 1 LSB
(default)
0
0
1
Code step size = 2 LSB
0
1
0
Code step size = 3 LSB
0
1
1
Code step size = 4 LSB
1
0
0
Code step size = 6 LSB
1
0
1
Code step size = 8 LSB
1
1
0
Code step size = 16 LSB
1
1
1
Code step size = 32 LSB
www.ti.com
DAC53401-Q1, DAC43401-Q1
SLASE30 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC53401-Q1 DAC43401-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com