Electronic Components Datasheet Search
  English  ▼

X  

DAC53401 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53401
Description  DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53401 Datasheet(HTML) 2 Page - Texas Instruments

  DAC53401 Datasheet HTML 1Page - Texas Instruments DAC53401 Datasheet HTML 2Page - Texas Instruments DAC53401 Datasheet HTML 3Page - Texas Instruments DAC53401 Datasheet HTML 4Page - Texas Instruments DAC53401 Datasheet HTML 5Page - Texas Instruments DAC53401 Datasheet HTML 6Page - Texas Instruments DAC53401 Datasheet HTML 7Page - Texas Instruments DAC53401 Datasheet HTML 8Page - Texas Instruments DAC53401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings ....................................... 4
7.2 ESD Ratings .............................................................. 4
7.3 Recommended Operating Conditions ........................4
7.4 Thermal Information ...................................................4
7.5 Electrical Characteristics ............................................5
7.6 Timing Requirements: I2C Standard Mode ................ 7
7.7 Timing Requirements: I2C Fast Mode ........................8
7.8 Timing Requirements: I2C Fast Mode Plus ................8
7.9 Typical Characteristics: VDD = 1.8 V (Reference
= VDD) or VDD = 2 V (Internal Reference)......................9
7.10 Typical Characteristics: VDD = 5.5 V (Reference
= VDD) or VDD = 5 V (Internal Reference).................... 11
7.11 Typical Characteristics............................................ 13
8 Detailed Description......................................................18
8.1 Overview................................................................... 18
8.2 Functional Block Diagram......................................... 18
8.3 Feature Description...................................................19
8.4 Device Functional Modes..........................................25
8.5 Programming............................................................ 27
8.6 Register Map.............................................................32
9 Application and Implementation.................................. 39
9.1 Application Information............................................. 39
9.2 Typical Applications.................................................. 39
10 Power Supply Recommendations..............................43
11 Layout........................................................................... 43
11.1 Layout Guidelines................................................... 43
11.2 Layout Example...................................................... 43
12 Device and Documentation Support..........................44
12.1 Documentation Support.......................................... 44
12.2 Receiving Notification of Documentation Updates..44
12.3 Support Resources................................................. 44
12.4 Trademarks.............................................................44
12.5 Electrostatic Discharge Caution..............................44
12.6 Glossary..................................................................44
13 Mechanical, Packaging, and Orderable
Information.................................................................... 44
4 Revision History
DATE
REVISION
NOTES
October 2020
*
Initial release.
DAC53401-Q1, DAC43401-Q1
SLASE30 – OCTOBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DAC53401-Q1 DAC43401-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com