Electronic Components Datasheet Search
  English  ▼

X  

DRV8932PRGER Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8932PRGER
Description  DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8932PRGER Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8932PRGER Datasheet HTML 9Page - Texas Instruments DRV8932PRGER Datasheet HTML 10Page - Texas Instruments DRV8932PRGER Datasheet HTML 11Page - Texas Instruments DRV8932PRGER Datasheet HTML 12Page - Texas Instruments DRV8932PRGER Datasheet HTML 13Page - Texas Instruments DRV8932PRGER Datasheet HTML 14Page - Texas Instruments DRV8932PRGER Datasheet HTML 15Page - Texas Instruments DRV8932PRGER Datasheet HTML 16Page - Texas Instruments DRV8932PRGER Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
time settings can be changed on the fly. After a OFF time setting change, the new OFF time is applied after a 10
µs de-glitch time.
For resistive loads connected to VM, if the ITRIP is higher than the (VM / RLOAD), the load current is regulated at
VM / R LOAD level while INx = 0. For inductive loads connected to VM, it should be ensured that the current
decays enough every cycle to prevent runaway and triggering overcurrent protection. The different scenarios are
shown below -
Figure 7-3. Resistive Load Connected to VM, Cycle-by-cycle control, ITRIP is higher than VM/RLOAD.
Figure 7-4. Inductive Load Connected to VM, fixed off-time current chopping
In this scenario, with INx = 0, the high-side MOSFET is turned on for tOFF duration after IOUT exceeds ITRIP.
After t OFF, the low side MOSFET is again turned on till IOUT exceeds ITRIP again. The fixed off-time mode
allows for a simple current chopping scheme without involvement from the external controller. Fixed off-time
mode will support 100% duty cycle current regulation.
Another way of controlling the load current is the cycle-by-cycle control mode, where PWM pulse width of the INx
input pins are controlled. This allows for additional control of the current chopping scheme by the external
controller. For loads connected to VM, when INx = 0, the current through the load builds up; and when INx = 1,
the current through the load decays. By properly choosing the duty cycle of the INx pulse, current can be
regulated to a target value. Various such scenarios are shown below -
www.ti.com
DRV8932
SLOSE58A – MAY 2020 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV8932



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com