Electronic Components Datasheet Search
  English  ▼

X  

DRV8932PRGER Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8932PRGER
Description  DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8932PRGER Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8932PRGER Datasheet HTML 17Page - Texas Instruments DRV8932PRGER Datasheet HTML 18Page - Texas Instruments DRV8932PRGER Datasheet HTML 19Page - Texas Instruments DRV8932PRGER Datasheet HTML 20Page - Texas Instruments DRV8932PRGER Datasheet HTML 21Page - Texas Instruments DRV8932PRGER Datasheet HTML 22Page - Texas Instruments DRV8932PRGER Datasheet HTML 23Page - Texas Instruments DRV8932PRGER Datasheet HTML 24Page - Texas Instruments DRV8932PRGER Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The DRV8932 is a four channel half-bridge driver with protection features. The device can be used to drive one
stepper motor, multiple brushed DC motors, or up to four solenoid loads.
8.2 Typical Application
The following design procedure can be used to configure the DRV8932. In this application, the device will be
used to drive four solenoid loads.
Figure 8-1. Typical Application Schematic
8.2.1 Design Requirements
Table 8-1 lists the design input parameters for a typical application.
Table 8-1. Design Parameters
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Supply voltage range
VM
19-29 V
Current per Channel
IOUT
600 mA
PWM Frequency
fPWM
40 kHz
www.ti.com
DRV8932
SLOSE58A – MAY 2020 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8932



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com