Electronic Components Datasheet Search
  English  ▼

X  

DRV8932PRGER Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8932PRGER
Description  DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8932PRGER Datasheet(HTML) 25 Page - Texas Instruments

Back Button DRV8932PRGER Datasheet HTML 21Page - Texas Instruments DRV8932PRGER Datasheet HTML 22Page - Texas Instruments DRV8932PRGER Datasheet HTML 23Page - Texas Instruments DRV8932PRGER Datasheet HTML 24Page - Texas Instruments DRV8932PRGER Datasheet HTML 25Page - Texas Instruments DRV8932PRGER Datasheet HTML 26Page - Texas Instruments DRV8932PRGER Datasheet HTML 27Page - Texas Instruments DRV8932PRGER Datasheet HTML 28Page - Texas Instruments DRV8932PRGER Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
10 Layout
10.1 Layout Guidelines
The VM pin should be bypassed to PGND using a low-ESR ceramic bypass capacitor with a recommended
value of 0.01 µF rated for VM. This capacitor should be placed as close to the VM pin as possible with a thick
trace or ground plane connection to the device PGND pin.
The VM pin must be bypassed to ground using a bulk capacitor rated for VM. This component can be an
electrolytic capacitor.
A low-ESR ceramic capacitor must be placed in between the CPL and CPH pins. A value of 0.022 µF rated for
VM is recommended. Place this component as close to the pins as possible.
A low-ESR ceramic capacitor must be placed in between the VM and VCP pins. A value of 0.22 µF rated for 16
V is recommended. Place this component as close to the pins as possible.
Bypass the DVDD pin to ground with a low-ESR ceramic capacitor. A value of 0.47 µF rated for 6.3 V is
recommended. Place this bypassing capacitor as close to the pin as possible.
The thermal PAD must be connected to system ground.
10.1.1 Layout Example
Figure 10-1. HTSSOP Layout Example
www.ti.com
DRV8932
SLOSE58A – MAY 2020 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DRV8932



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com