Electronic Components Datasheet Search
  English  ▼

X  

KT26 Datasheet(PDF) 2 Page - Fox Electronics

Part # KT26
Description  Tuning Fork Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

KT26 Datasheet(HTML) 2 Page - Fox Electronics

  KT26 Datasheet HTML 1Page - Fox Electronics KT26 Datasheet HTML 2Page - Fox Electronics KT26 Datasheet HTML 3Page - Fox Electronics KT26 Datasheet HTML 4Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tuning Fork Crystal
(former NC26LF, NC38LF)
KT26, KT38
DATASHEET
7/29/2020
– KT26 ESR updated to 35kohms.
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description:
KT26, KT38 STANDARD SPECIFICATIONS
Drawing Number: KT26-KT38-DOC-1
Revision: B
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 10/19/2020
Available Options & Part Identification for KT26, KT38
F KT26 E I H M 0.032768
F
KT26
E
I
H
M
0.032768
FOX
Model
Number
KT26
KT38
Tolerance
E = ±20ppm
Stability
I =-0.04 PPM / (
ºC)2
Load
Capacitance
B=6pF
H=12.5pF
Operating
Temperature
C = 0 ~ +70ºC
D = -10 ~ +60ºC
Q = -20 ~ +60ºC
M = -40 ~ +85ºC
Frequency
(MHz)
Corporate
Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
http://www.FOXONLINE.com
Sales
1-888-GET-2-FOX (1-888-438-2369)
or
1-239-693-0099
http://www.FOXONLINE.com/repdisty
Tech Support
http://www.FOXONLINE.com/email
PRODUCT USE: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox Electronics'
sole discretion. All information in this document, including descriptions of product features and performance, is subject to change without notice.
Performance specifications and the operating parameters of the described products are determined in the independent state and are not guaranteed
to perform the same way when installed in customer products. The information contained herein is provided without representation or warranty of any
kind, whether express or implied, including, but not limited to, the suitability of Fox Electronics' products for any particular purpose, an implied warranty
of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey
any license under intellectual property rights of Fox Electronics or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar
devices where the failure or malfunction of a Fox Electronics product can be reasonably expected to significantly affect the health or safety of users.
Anyone using a Fox Electronics product in such a manner does so at their own risk, absent an express, written agreement by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change wit hout notice. Other
trademarks and service marks used herein, including protected names, logos and designs, are the property of Fox Electronics or their respective
third-party owners.
For datasheet type definitions and a glossary of common terms, visit http://www.foxonline.com/tgcrystals.html .
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com