Electronic Components Datasheet Search
  English  ▼

X  

KT26 Datasheet(PDF) 3 Page - Fox Electronics

Part # KT26
Description  Tuning Fork Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

KT26 Datasheet(HTML) 3 Page - Fox Electronics

  KT26 Datasheet HTML 1Page - Fox Electronics KT26 Datasheet HTML 2Page - Fox Electronics KT26 Datasheet HTML 3Page - Fox Electronics KT26 Datasheet HTML 4Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tuning Fork Crystal
(former NC26LF, NC38LF)
KT26, KT38
DATASHEET
7/29/2020
– KT26 ESR updated to 35kohms.
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description:
KT26, KT38 STANDARD SPECIFICATIONS
Drawing Number: KT26-KT38-DOC-1
Revision: B
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 10/19/2020
Crystal Unit Handling Precautions
1) Mounting Precautions
•
Structure – Cylinder crystals are hermetically sealed using glass to metal seals (see figs 1 and 2)
•
Unbending the lead
(1) DO NOT pull the lead excessively if unbending a lead or removing a crystal unit. The excessive force may crack
the glass and reduce the degree of vacuum. This may eventually result in deterioration of the characteristics and
may also break the crystal chip (see Figure 3).
(2) Unbend the lead by pressing on the bent part from both the upper and lower sides while holding the bottom of
lead tightly (see Figure 4).
•
Bending the lead
(1) Bend the lead so that the lead will remain straight for more than 0.5mm from the case when soldering a crystal
unit after bending. If not, the glass may be cracked (see Figures 5 and 6).
(2) Always leave a length greater than 2.0mm when bending a lead after soldering (see Figure 7)
Soldering directly to the case will reduce the degree of vacuum and may result in deterioration of the characteristics and may break
the crystal chip.
Make the length from the case to the printed circuit board (L) longer than the case diameter (D) so that the lead wire will not be
pulled in case the crystal unit falls over.
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com