Electronic Components Datasheet Search
  English  ▼

X  

KT26 Datasheet(PDF) 1 Page - Fox Electronics

Part # KT26
Description  Tuning Fork Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

KT26 Datasheet(HTML) 1 Page - Fox Electronics

  KT26 Datasheet HTML 1Page - Fox Electronics KT26 Datasheet HTML 2Page - Fox Electronics KT26 Datasheet HTML 3Page - Fox Electronics KT26 Datasheet HTML 4Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tuning Fork Crystal
(former NC26LF, NC38LF)
KT26, KT38
DATASHEET
7/29/2020
– KT26 ESR updated to 35kohms.
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description:
KT26, KT38 STANDARD SPECIFICATIONS
Drawing Number: KT26-KT38-DOC-1
Revision: B
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 10/19/2020
STANDARD SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency
32.768 kHz
Frequency Tolerance @ 25ºC
±20 PPM
Frequency Stability
(Temperature Coefficient)
-
0.04 PPM / (ƼC)2
Temperature Range
Turnover
(T
O)
Operating
(T
OPR)
Storage
(T
STG)
Storage
(TSTG
)
+20ºC ~ +30ºC
See options on page 2.
-40ºC ~ +85ºC
Equivalent Series Resistance (RS) 35 k
Ω
Load Capacitance (CL)
(See options on page 2)
Insulation Resistance @ 100VDC
500
MΩ Min
Drive Level
1.0 µW
Aging per year
±3 PPM
Wave Soldering Temp / Time
300ºC / 5Sec (leads only)
Moisture Sensitivity Level (MSL)
1
Termination Finish
SnCu
Lead (Pb) Free
Yes
RoHS Compliant
Yes, no exemptions
REACH Compliant (latest version)
Yes
Temperature Coefficient
Page 1 of 4
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
ppm
°C


Similar Part No. - KT26

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
KT26 MARATHON-KT26 Datasheet
920Kb / 2P
Kliptite (Quick Connect) - Single Row
logo
Jonard Tools.
KT26G JONARD-KT26G Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
KT26R JONARD-KT26R Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
More results

Similar Description - KT26

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT26T VISHAY-XT26T Datasheet
65Kb / 1P
Tuning Fork Crystal
28-Mar-03
XT26T VISHAY-XT26T_07 Datasheet
91Kb / 3P
Tuning Fork Crystal
18-Oct-07
logo
Shenzhen Luguang Electr...
ZM-145 LUGUANG-ZM-145 Datasheet
273Kb / 1P
Tuning Fork Crystal
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
Tuning Fork Crystal
logo
Abracon Corporation
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
TUNING FORK CRYSTAL
11.14.14
logo
Raltron Electronics Cor...
R26-32.768-12.5-EXT-SMD RALTRON-R26-32.768-12.5-EXT-SMD Datasheet
374Kb / 3P
TUNING FORK CRYSTAL
logo
AiT Semiconductor Inc.
KMC7015 AITSEMI-KMC7015 Datasheet
236Kb / 1P
TUNING FORK CRYSTAL
KMC8038 AITSEMI-KMC8038 Datasheet
225Kb / 1P
TUNING FORK CRYSTAL
KSM1610 AITSEMI-KSM1610 Datasheet
221Kb / 1P
TUNING FORK CRYSTAL
KSM2060 AITSEMI-KSM2060 Datasheet
234Kb / 1P
TUNING FORK CRYSTAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com