Electronic Components Datasheet Search
  English  ▼

X  

TR70MB360 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # TR70MB360
Description  70W MEDICAL SWITCHING ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR70MB360 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  TR70MB360 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR70MB360 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation TR70MB360 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V12
1
︳
TR70M SERIES
70W MEDICAL SWITCHING
ADAPTER
Features
* Universal Input Range 80~264VAC
* Meets EN55011 Class B and CISPR/FCC Class B
* Continuous Short Circuit Protection
* Over Voltage Protection
* No Load Power Consumption <150mW
* IEC/EN 60601-1-11 for TR70MB
* Meets CoC Tier 2 & DoE Level VI
* Meets IEC/EN60335-1
* Meets 2 MOPP
* Altitude 5000m
* Class I (TR70MA) & Class II (TR70MB)
(TR70MA/B120: Output Cable Length≦1220mm 16AWG) (note7)
(TR70MA/B150: Output Cable Length≦1220mm 16AWG)
(TR70MA/B180: Output Cable Length≦1800mm 16AWG)
(Output Cable Length≦1800mm 18AWG)
Ordering information
TR70MXXXX
XX
X
XX
Model No.
DC Plug Type OVP
DC Cable Length and Type
X: A or B
E: With OV
01: 720mm
A:CLASS I
02: 1220mm
B:CLASS II
03: 1800mm
11: 720mm with Ferrite Core
12:1220mm with Ferrite Core
13:1800mm with Ferrite Core
*18AWG/UL1185
*16AWG/UL1185 for 12V
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE&
NOISE
NOTE2
VOLTAGE
SETPOINT
NOTE1
LINE
REGULATION
NOTE3
LOAD
REGULATION
NOTE4
EFFICENCY
(Typ.)
NOTE5
TR70MA120
12V
5.8A
120mVp-p
±2%
±1%
±5%
89%
TR70MA150
15V
4.65A
150mVp-p
±2%
±1%
±3%
89%
TR70MA180
18V
3.9A
180mVp-p
±2%
±1%
±2%
89%
TR70MA240
24V
3.0A
240mVp-p
±2%
±1%
±2%
90%
TR70MA360
36V
1.9A
360mVp-p
±2%
±1%
±2%
90%
TR70MA480
48V
1.5A
480mVp-p
±2%
±1%
±2%
91%
TR70MB120
12V
5.8A
120mVp-p
±2%
±1%
±5%
89%.
TR70MB150
15V
4.65A
150mVp-p
±2%
±1%
±3%
89%
TR70MB180
18V
3.9A
180mVp-p
±2%
±1%
±2%
89%
TR70MB240
24V
3.0A
240mVp-p
±2%
±1%
±2%
90%
TR70MB360
36V
1.9A
360mVp-p
±2%
±1%
±2%
90%
TR70MB480
48V
1.5A
480mVp-p
±2%
±1%
±2%
91%
Specifications are subject to change without notice.


Similar Part No. - TR70MB360

ManufacturerPart #DatasheetDescription
logo
Powerbox
TR70 POWERBOX-TR70 Datasheet
614Kb / 1P
70 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
RF Monolithics, Inc
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR7000 MURATA-TR7000 Datasheet
357Kb / 15P
433.92 MHz Hybrid Transceiver
TR7001 MURATA-TR7001 Datasheet
367Kb / 15P
315.00 MHz Hybrid Transceiver
TR7002 MURATA-TR7002 Datasheet
202Kb / 15P
418.00 MHz Hybrid Transceiver
More results

Similar Description - TR70MB360

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-AF4 SKYNET-SNP-AF4 Datasheet
205Kb / 2P
Medical & ITE Switching Adapter
SNP-AF6 SKYNET-SNP-AF6 Datasheet
531Kb / 4P
Medical & ITE Switching Adapter
SNP-AF8 SKYNET-SNP-AF8 Datasheet
602Kb / 4P
Medical & ITE Switching Adapter
logo
CINCON ELECTRONICS Corp...
TR15RAM CINCON-TR15RAM Datasheet
262Kb / 2P
15W Medical SWITCHING ADAPTER
TR18RDM CINCON-TR18RDM Datasheet
365Kb / 2P
18W MEDICAL SWITCHING ADAPTER
TR36M CINCON-TR36M Datasheet
473Kb / 2P
36W MEDICAL SWITCHING ADAPTER
TR100M CINCON-TR100M Datasheet
340Kb / 2P
100W MEDICAL SWITCHING ADAPTER
TR30RAM CINCON-TR30RAM Datasheet
304Kb / 2P
30W MEDICAL SWITCHING ADAPTER
TRG70EVI CINCON-TRG70EVI Datasheet
212Kb / 2P
70W SWITCHING ADAPTER
TRH70A CINCON-TRH70A Datasheet
516Kb / 2P
70W SWITCHING ADAPTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com