Electronic Components Datasheet Search
  English  ▼

X  

TR70MB360 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TR70MB360
Description  70W MEDICAL SWITCHING ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR70MB360 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TR70MB360 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR70MB360 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation TR70MB360 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V12
2
Specifications
TR70M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…............. 80~264Vac(80Vac with derating curve)
Frequency ………………………………..………………………..... 47 to 63Hz
Inrush Current ……………….…… Cold Start @25℃ 100A max. @240Vac
Conducted EMI …………………………….…………… CISPR/FCC Class B
Leakage Current ……………………..………………….……..…… 90uA max.
OUTPUT SPECIFICATIONS:
Hold-up Time ………………………………………………10ms typ. @115Vac
Short Circuit Protection………..……………..Hiccup Mode (Auto Recovery)
)
Over Voltage Protection ……….. IC Component to Clamp (Auto Recovery)
Temperature Coefficient ………..………..........................… ±0.05%/℃ max.
GENERAL SPECIFICATIONS:
Isolation ………………………………………… Input to Output = 4,400VAC
Operating Temperature ................. -20 ~ 70℃ (See Derating Curve, note6)
Storage Temperature ……………………………...….......……........ -40~85℃
Humidity …………………...….......……........ 93% RH max. Non Condensing
Cooling……………………………………………………. Natural Convection
Switching Frequency ……………………………………….… 65KHz Typical
MTBF ……… MIL-HDBK-217F, GB, at 25℃/115VAC ….…. 500Khrs min.
Altitude …………………………………………………………………… 5000m
Life Time …………………. Ambient 40℃ 75% Load ………………. >3years
AC Inlet ……………………IEC320/C14(TR70MA) / IEC320/C8(TR70MB)
Dimensions ………. 4.724x2.047x1.220 inches (120.00x52.00x31.00 mm)
Weight …………………………..…………….…………… 300g(0.66 Pounds)
NOTE:
SAFETY AND EMC:
1. Voltage accuracy at 60% full load.
Emissions and Immunity (Ed 4.0) …… EN55011 Class B, EN61000-3-2,3
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
EN60601-1-2, IEC 61000-4-2, 3, 4, 5, 6, 8, 11
ripple&noise measurement @20MHz BW.
Safety Approved (Ed.3.1) ...... IEC/EN 60601-1, UL ANSI/AAMI ES60601-1
3. Line regulation is measured from 100Vac to 240Vac, full load.
IEC/EN 60601-1-11 for TR70MB
4. Load regulation is measured from 60% to 100% full load and from 60%
to 20% full load (60% +/- 40% full load).
5. Typical efficiency at 230VAC and 75% load at 25℃.
6. -30℃ can be start-up at full load.
7. TR70MA120 & TR70MB120 of 115VAC full load meet DoE Level VI
and 230VAC full load meet CoC Tier 2
Mechanical Specification
IEC320/C14
70.866[1800.00]±1.969[50.00]
4.724[120.00]
TR70MAXXX Series
All Dimensions are in inches(mm)
Tolerance:Inches:X.XXX±0.02
Millimeters:X.XX±0.5
UNIT:inches[mm]
DC Plug :Right Angle(ψ5.5/ψ2.1) L12mm
18AWG/1800mm
DC Plug type: V+ ─●)─ V-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com