Electronic Components Datasheet Search
  English  ▼

X  

TR70MB360 Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # TR70MB360
Description  70W MEDICAL SWITCHING ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TR70MB360 Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  TR70MB360 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TR70MB360 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation TR70MB360 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V12
3
Mechanical Specification
DC Plug :Right Angle(ψ5.5/ψ2.1) L12mm
18AWG/1800mm
DC Plug type: V+ ─●)─ V-
TR70MBXXX Series
70.866[1800.00]±1.969[50.00]
4.724[120.00]
IEC320/C8
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com