Electronic Components Datasheet Search
  English  ▼

X  

SL3S4021 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SL3S4021
Description  UCODE I2C
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S4021 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SL3S4021 Datasheet HTML 22Page - NXP Semiconductors SL3S4021 Datasheet HTML 23Page - NXP Semiconductors SL3S4021 Datasheet HTML 24Page - NXP Semiconductors SL3S4021 Datasheet HTML 25Page - NXP Semiconductors SL3S4021 Datasheet HTML 26Page - NXP Semiconductors SL3S4021 Datasheet HTML 27Page - NXP Semiconductors SL3S4021 Datasheet HTML 28Page - NXP Semiconductors SL3S4021 Datasheet HTML 29Page - NXP Semiconductors SL3S4021 Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
NXP Semiconductors
SL3S4011_4021
UCODE I²C
SL3S4011_4021
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.5 — 18 September 2018
COMPANY PUBLIC
204935
26 / 30
18 Revision history
Table 20. Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SL3S4011_4021 v. 3.5
20180918
Product data sheet
-
SL3S4011_4021 v. 3.4
Modifications:
• Table 18: Unit of VDD corrected
• Section 2.4: Bullet "Encoding speed one word 5 ms" added
SL3S4011_4021 v. 3.4
20170524
Product data sheet
-
SL3S4011_4021 v. 3.3
Modifications:
• Write endurance updated into 100 kcycles
SL3S4011_4021 v. 3.3
20170215
Product data sheet
-
SL3S4011_4021 v. 3.2
Modifications:
• Table 2 Marking added
• Table 18: Impedances for all frequencies added
• References to errata sheet added
• Minor editorial updates
SL3S4011_4021 v. 3.2
20151012
Product data sheet
-
SL3S4011_4021 v. 3.1
Modifications:
• Section 10.1 "UCODE I2C special feature": "RF - I2C Bridge feature" updated
• Minor editorial updates
SL3S4011_4021 v. 3.1
20130703
Product data sheet
-
SL3S4011_4021 v. 3.0
Modifications:
• General update
SL3S4011_4021 v. 3.0
20130416
Product data sheet
-
SL3S4011_4021 v. 2.3
Modifications:
• Data sheet status changed to Product data sheet
SL3S4011_4021 v. 2.3
20130305
Preliminary data sheet
-
SL3S4011_4021 v. 2.2
Modifications:
• General update
• Security status changed into COMPANY PUBLIC
SL3S4011_4021 v. 2.2
20121127
Preliminary data sheet
SL3S4011_4021 v. 2.1
Modifications:
• General update
SL3S4011_4021 v. 2.1
20120726
Preliminary data sheet
-
SL3S4001FHK v. 2.0
Modifications:
• General update
SL3S4011_4021 v. 2.0
20120627
Preliminary data sheet
-
SL3S4001FHK v. 1.2
Modifications:
• General update
SL3S4001FHK v. 1.2
20111004
Objective data sheet
-
SL3S4001FHK v. 1.1
Modifications:
• Table 1 "Ordering information": updated
• Figure 3 "UCODE I2C wafer layout": values updated
SL3S4001FHK v. 1.1
20110707
Objective data sheet
-
SL3S4001FHK v. 1.0
Modifications:
• Table 3 "Mechanical properties XQFN8": updated
• Section 10.6 "Addressing": updated
SL3S4001FHK v. 1.0
20110609
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com