| Electronic Components Datasheet Search |
|
SL3S4021 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3S4021 Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 30 page ![]() NXP Semiconductors SL3S4011_4021 UCODE I²C SL3S4011_4021 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. Product data sheet Rev. 3.5 — 18 September 2018 COMPANY PUBLIC 204935 6 / 30 The UCODE I2C communicates information by backscatter-modulating the amplitude and/or phase of the RF carrier. Interrogators shall be capable of demodulating either demodulation type. The encoding format, selected in response to interrogator commands, is either FM0 baseband or Miller-modulated subaltern. 9.4 Data transfer to I2C interface The UCODE I2C memory can be read/written similar to a standard I2C serial EEPROM device. The address space is arranged in a linear manner. When performing a sequential read, the address pointer is increased linearly from start of the EPC memory to the end of the user memory. At the end address of each bank, the address pointer jumps automatically to the first address in the subsequent bank. In I2C write modes only even address values are accepted, due to the word wise organization of the EEPROM. Regarding arbitration between RF and I2C, see Section 12 "RF interface/I2C interface arbitration"). Write operation: • Write word • Write block (2 words) Read operation: • current address read • random address read • sequential current read • random sequential read 9.5 Supported commands The UCODE I2C supports all mandatory EPCglobal V1.2.0 commands. In addition, the UCODE I2C supports the following optional commands. • Access • BlockWrite (32 bit) The UCODE I2C features the following custom commands described in more detail later: • ChangeConfig 9.6 UCODE I2C memory The UCODE I2C memory is implemented according to EPCglobal Gen2. It is organized in four sections all accessible via both RF and I2C operation except the reserved memory section which only accessible via RF: Table 5. UCODE I2C memory sections Name Size Bank Reserved memory (32-bit ACCESS and 32-bit KILL password) 64 bit 00b EPC (excluding 16 bit CRC-16 and 16-bit PC) 160 bit 01b |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |