Electronic Components Datasheet Search
  English  ▼

X  

SL3S4021 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SL3S4021
Description  UCODE I2C
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S4021 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SL3S4021 Datasheet HTML 6Page - NXP Semiconductors SL3S4021 Datasheet HTML 7Page - NXP Semiconductors SL3S4021 Datasheet HTML 8Page - NXP Semiconductors SL3S4021 Datasheet HTML 9Page - NXP Semiconductors SL3S4021 Datasheet HTML 10Page - NXP Semiconductors SL3S4021 Datasheet HTML 11Page - NXP Semiconductors SL3S4021 Datasheet HTML 12Page - NXP Semiconductors SL3S4021 Datasheet HTML 13Page - NXP Semiconductors SL3S4021 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
NXP Semiconductors
SL3S4011_4021
UCODE I²C
SL3S4011_4021
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.5 — 18 September 2018
COMPANY PUBLIC
204935
10 / 30
10 Supported features
The UCODE I2C is equipped with a number of additional features and a custom
command. Nevertheless, the chip is designed in a way that standard EPCglobal READ /
WRITE / ACCESS commands can be used to operate the features.
The memory map in the previous section describes the Configuration Word used to
control the additional features located after address 200h of the EPC memory, hence
UCODE I2C features are controlled by bits located in the EPC number space. For this
reason, the standard READ / WRITE commands of a UHF EPCglobal compliant reader
can be used to select the flags or activate/deactivate features if the memory bank is not
locked. In case of locked memory banks the ChangeConfig custom command has to be
used.
The bits (flags) of the ConfigurationWord are selectable using the standard EPC SELECT
command.
10.1 UCODE I2C special feature
• Externally Supplied flag
The flag will indicate the availability of an external supply.
• RF active flag
The flag will indicate on which RF port power is available and signal transmission
ongoing.
• RF Interface on/off switching
For privacy reasons, the two RF ports as well as the I2C interface can be switched on/
off by toggling the related bits of the ConfigurationWord. The ConfigurationWord is
accessible via RF and I2C interface. Although it is possible to kill the RF interface via
the KILL feature of EPC Gen2, a minimum of one port shall be active at all times. In the
case of the dual port version, either one or both RF can be active. In the case of the
single front-end version, the RF port cannot be deactivated.
• I2C Interface on/off switching
For privacy reasons, the I2C port can be disabled by toggling the related bit of the
ConfigWord but only via RF.
• RF - I2C Bridge feature
The UCODE I2C can be used as an RF- I2C bridge to directly forward data from the
RF interface to the I2C interface and vice versa. The UCODE I2C is equipped with
a download/upload register of 16-bit data buffer located in the EPC bank. The data
received via RF can be read via I2C like regular memory content. In case the buffer
is empty reading the register returns NAK. This feature should be combined with the
Download Indicator or the interrupt signaling. The content of the buffer is only valid if
the download indicator is set and an interrupt was triggered (when interrupt signaling is
enabled in the ConfigWord).
– Upload Indicator flag (I2C to UHF) - address 203h in the configuration word
The flag will indicate if data in the download/upload register is available. Will be
automatically cleared when the download/upload register is read out via UHF.
– Download Indicator flag (UHF to I2C) - address 200h in the configuration word
The flag will indicate if data in the download/upload register is available. Will be
automatically cleared when the download/upload register is read out via I2C.
• Interrupt signaling/Download Indicator
The UCODE I2C features two methods of signaling:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com