Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF2127
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 21Page - NXP Semiconductors PCF2127 Datasheet HTML 22Page - NXP Semiconductors PCF2127 Datasheet HTML 23Page - NXP Semiconductors PCF2127 Datasheet HTML 24Page - NXP Semiconductors PCF2127 Datasheet HTML 25Page - NXP Semiconductors PCF2127 Datasheet HTML 26Page - NXP Semiconductors PCF2127 Datasheet HTML 27Page - NXP Semiconductors PCF2127 Datasheet HTML 28Page - NXP Semiconductors PCF2127 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
25 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.5.2 Register Minute_alarm
[1]
Default value.
8.5.3 Register Hour_alarm
[1]
Default value.
[2]
Hour mode is set by the 12_24 bit in register Control_1.
8.5.4 Register Day_alarm
[1]
Default value.
Table 30.
Minute_alarm - minute alarm register (address 0Ch) bit description
Bit
Symbol
Value
Place value Description
7
AEN_M
minute alarm
0
-
enabled
1[1]
-
disabled
6 to 4
MINUTE_ALARM
0[1] to 5
ten’s place
minute alarm information coded
in BCD format
3 to 0
0[1] to 9
unit place
Table 31.
Hour_alarm - hour alarm register (address 0Dh) bit description
Bit
Symbol
Value
Place value Description
7
AEN_H
hour alarm
0
-
enabled
1[1]
-
disabled
6
-
0
-
unused
12-hour mode[2]
5AMPM
AM/PM indicator
0[1]
-AM
1-
PM
4
HOUR_ALARM
0[1] to 1
ten’s place
hour alarm information in
12-hour mode coded in BCD
format
3to0
0[1] to 9
unit place
24-hour mode[2]
5 to 4
HOUR_ALARM
0[1] to 2
ten’s place
hour alarm information in
24-hour mode coded in BCD
format
3to0
0[1] to 9
unit place
Table 32.
Day_alarm - day alarm register (address 0Eh) bit description
Bit
Symbol
Value
Place value Description
7
AEN_D
day alarm
0
-
enabled
1[1]
-
disabled
6
-
0
-
unused
5 to 4
DAY_ALARM
0[1] to 3
ten’s place
day alarm information coded in
BCD format
3 to 0
0[1] to 9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com