Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF2127
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 25Page - NXP Semiconductors PCF2127 Datasheet HTML 26Page - NXP Semiconductors PCF2127 Datasheet HTML 27Page - NXP Semiconductors PCF2127 Datasheet HTML 28Page - NXP Semiconductors PCF2127 Datasheet HTML 29Page - NXP Semiconductors PCF2127 Datasheet HTML 30Page - NXP Semiconductors PCF2127 Datasheet HTML 31Page - NXP Semiconductors PCF2127 Datasheet HTML 32Page - NXP Semiconductors PCF2127 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
29 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
When the counter decrements from 1, the timer flag (bit TF in register Control_2) is set
and the counter automatically re-loads and starts the next timer period.
If a new value of T is written before the end of the current timer period, then this value
takes immediate effect. NXP does not recommend changing T without first disabling the
counter by setting bit TE logic 0. The update of T is asynchronous to the timer clock.
Therefore changing it without setting bit TE logic 0 may result in a corrupted value loaded
into the countdown counter. This results in an undetermined countdown period for the first
period. The countdown value T will, however, be correctly stored and correctly loaded on
subsequent timer periods.
When the TIE flag is set, an interrupt signal on INT is generated if this mode is enabled.
See Section 8.2.2 for details on how the interrupt can be controlled.
When starting the timer for the first time, the first period has an uncertainty. The
uncertainty is a result of the enable instruction being generated from the interface clock
which is asynchronous from the timer source clock. Subsequent timer periods do not have
such delay. The amount of delay for the first timer period depends on the chosen source
clock, see Table 37.
In this example, it is assumed that the timer flag is cleared before the next countdown period
expires and that the pin INT is set to pulsed mode.
Fig 15. General countdown timer behavior
Table 37.
First period delay for timer counter value T
Timer source clock
Minimum timer period
Maximum timer period
4.096 kHz
T
T + 1
64 Hz
T
T + 1
1 Hz
1⁄60 Hz
T1
–

1
64 Hz
--------------
+
T
1
64 Hz
--------------
+
T1
–

1
64 Hz
--------------
+
T
1
64 Hz
--------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com