Electronic Components Datasheet Search
  English  ▼

X  

PCF2127 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF2127
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 36Page - NXP Semiconductors PCF2127 Datasheet HTML 37Page - NXP Semiconductors PCF2127 Datasheet HTML 38Page - NXP Semiconductors PCF2127 Datasheet HTML 39Page - NXP Semiconductors PCF2127 Datasheet HTML 40Page - NXP Semiconductors PCF2127 Datasheet HTML 41Page - NXP Semiconductors PCF2127 Datasheet HTML 42Page - NXP Semiconductors PCF2127 Datasheet HTML 43Page - NXP Semiconductors PCF2127 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
40 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
Tamb =25 C; fCLKOUT = 32768 Hz.
(1) 47 pF CLKOUT load.
(2) 22 pF CLKOUT load.
Tamb =25 C; CLKOUT disabled.
(1) CL(itg) = 12.5 pF.
(2) CL(itg) =7pF.
Fig 25. Typical IDD with respect to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com